Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NB4N441 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NB4N441
Description  3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N441 Datasheet(HTML) 3 Page - ON Semiconductor

  NB4N441_07 Datasheet HTML 1Page - ON Semiconductor NB4N441_07 Datasheet HTML 2Page - ON Semiconductor NB4N441_07 Datasheet HTML 3Page - ON Semiconductor NB4N441_07 Datasheet HTML 4Page - ON Semiconductor NB4N441_07 Datasheet HTML 5Page - ON Semiconductor NB4N441_07 Datasheet HTML 6Page - ON Semiconductor NB4N441_07 Datasheet HTML 7Page - ON Semiconductor NB4N441_07 Datasheet HTML 8Page - ON Semiconductor NB4N441_07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NB4N441
http://onsemi.com
3
Table 1. PIN DESCRIPTION
Pin
Name
I/O
Description
11, 12, 13, 24
VCC
Power Supply
Positive supply voltage.
3
VCC_PLL
PLL Power Supply
Positive supply voltage for the PLL.
1, 6, 9, 18, 19
GND
Ground
Ground.
20
LOCKED
LVTTL Lock Output
When Low, this output provides indication that the PLL is
locked and the device is in proper operating mode. When
High, the PLL is out of lock.
2, 4, 5, 10, 14
NC
No Connect.
8
CLK / XTAL1,
LVTTL/LVCMOS Single Ended
Clock or XTAL Inputs
The crystal is connected between the XTAL1 and XTAL2 pin.
If driving single−ended, use XTAL1 and leave XTAL2
floating.
7
XTAL2
15
SLOAD**
LVTTL / LVCMOS,
Serial Load Input
Serial Load.
16
SDATA**
LVTTL / LVCMOS
Serial Data Input
Serial Data Input.
17
SCLOCK**
LVTTL / LVCMOS
Serial Clock Input
Serial Clock Input.
21
OE*
LVTTL Input
Synchronous Output Enable. When OE is HIGH or left
OPEN, the outputs are enabled. When OE is LOW, the
outputs are disabled.
22, 23
CLKOUT
CLKOUT
LVPECL Output
Differential LVPECL Clock Outputs, Typically terminated with
50
W resistor to VCC – 2.0 V.
EP
The Exposed Pad on the 24 pin QFN package bottom is
thermally connected to the die for improved heat transfer out
of package. The pad is not electrically connected to the die,
but is recommended to be electrically connected to GND on
the PC board.
*Pins will default HIGH when left Open
**Pins will default LOW when left Open


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn