Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4L52 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB4L52
Description  2.5 V/3.3 V/5.0 V Differential Data/Clock D Flip-Flop with Reset Multi-Level Inputs to LVPECL Translator w/ Internal Termination
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L52 Datasheet(HTML) 2 Page - ON Semiconductor

  NB4L52_07 Datasheet HTML 1Page - ON Semiconductor NB4L52_07 Datasheet HTML 2Page - ON Semiconductor NB4L52_07 Datasheet HTML 3Page - ON Semiconductor NB4L52_07 Datasheet HTML 4Page - ON Semiconductor NB4L52_07 Datasheet HTML 5Page - ON Semiconductor NB4L52_07 Datasheet HTML 6Page - ON Semiconductor NB4L52_07 Datasheet HTML 7Page - ON Semiconductor NB4L52_07 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NB4L52
http://onsemi.com
2
R
Figure 2. Pinout (Top View)
D
D
VTD
VTD
VCC
Q
CLK
Q
VTCLK
VEE
1
2
3
4
5678
9
10
11
12
13
14
15
16
VTR
R
CLK
NB4L52
VTR
Exposed Pad (EP)
VTCLK
Table 2. PIN DESCRIPTION
Pin
Name
I/O
Description
1
VTD
Internal 50 W Termination Pin. (See Table 4)
2
D
ECL, CML, LVCMOS,
LVDS, LVTTL Input
Noninverted Differential Input. (Note 1)
3
D
ECL, CML, LVCMOS,
LVDS, LVTTL Input
Inverted Differential Input. (Note 1)
4
VTD
Internal 50 W Termination Pin. (See Table 4)
5
VTCLK
Internal 50 W Termination Pin. (See Table 4)
6
CLK
ECL, CML, LVCMOS,
LVDS, LVTTL Input
Noninverted Differential Input. (Note 1)
7
CLK
ECL, CML, LVCMOS,
LVDS, LVTTL Input
Inverted Differential Input. (Note 1)
8
VTCLK
Internal 50 W Termination Pin. (See Table 4)
9
VEE
Negative Supply Voltage
10
Q
ECL Output
Inverted Differential Output. Typically terminated with 50 W resistor to VCC − 2.0 V.
11
Q
ECL Output
Noninverted Differential Output. Typically terminated with 50 W resistor to VCC − 2.0 V.
12
VCC
Positive Supply Voltage
13
VTR
Internal 50 W Termination Pin. (See Table 4)
14
R
LVECL, LVCMOS,
LVTTL Input
Noninverted Differential Reset Input. (Note 1)
15
R
LVECL, LVCMOS,
LVTTL Input
Inverted Differential Reset Input. (Note 1)
16
VTR
Internal 50 W Termination Pin. (See Table 4)
EP
The Exposed Pad (EP) on the QFN−16 package bottom is thermally connected to the die
for improved heat transfer out of package. The pad is not electrically connected to the die,
but is recommended to be electrically and thermally connected to VEE on the PC board.
1. In the differential configuration when the input termination pin (VTD, VTD, VTR, VTR, VTCLK, VTCLK) are connected to a common
termination voltage or left open, and if no signal is applied on D/D,CLK/CLK,R/R input then the device will be susceptible to self−oscillation.


Similar Part No. - NB4L52_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L52 ONSEMI-NB4L52_09 Datasheet
149Kb / 8P
   2.5 V/3.3 V/5.0 V Differential Data/Clock D Flip-Flop
August, 2009 ??Rev. 3
More results

Similar Description - NB4L52_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L52 ONSEMI-NB4L52_09 Datasheet
149Kb / 8P
   2.5 V/3.3 V/5.0 V Differential Data/Clock D Flip-Flop
August, 2009 ??Rev. 3
NBSG53A ONSEMI-NBSG53A_14 Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
NB7L216MNEVB ONSEMI-NB7L216MNEVB Datasheet
414Kb / 11P
   2.5 V / 3.3 V, 12Gb/s Multi Level Clock/Data Input to RSECL, High Gain Receiver/Buffer/Translator with Internal Termination
August, 2016 ??Rev. 6
NB4L16MMNEVB ONSEMI-NB4L16MMNEVB Datasheet
772Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver/Receiver/Buffer/ Translator with Internal Termination
August, 2016 ??Rev. 4
NB4L339 ONSEMI-NB4L339_12 Datasheet
144Kb / 12P
   2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator
September, 2012 ??Rev. 3
NB6L11 ONSEMI-NB6L11_06 Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
MC100LVEL91 ONSEMI-MC100LVEL91_16 Datasheet
146Kb / 6P
   3.3 V Triple LVPECL Input to -3.3 V to -5.0 V ECL Output Translator
July, 2016 ??Rev. 12
NB7V58M ONSEMI-NB7V58M Datasheet
164Kb / 8P
   1.8 V / 2.5 V / 3.3 V Differential 2:1 Clock / Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NBXSBA024 ONSEMI-NBXSBA024_11 Datasheet
118Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator LVPECL Differential Output
April, 2011 ??Rev. 4
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com