Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURS205T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MURS205T3
Description  ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURS205T3 Datasheet(HTML) 2 Page - ON Semiconductor

  MURS205T3_06 Datasheet HTML 1Page - ON Semiconductor MURS205T3_06 Datasheet HTML 2Page - ON Semiconductor MURS205T3_06 Datasheet HTML 3Page - ON Semiconductor MURS205T3_06 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MURS205T3, MURS210T3
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 1)
(iF = 2.0 A, TJ = 25°C)
(iF = 2.0 A, TJ = 150°C)
vF
0.94
0.74
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 150°C)
iR
2.0
50
mA
Maximum Reverse Recovery Time
(iF = 1.0 A, di/dt = 50 A/ms)
(iF = 0.5 A, iR = 1.0 A, IR to 0.25 A)
trr
30
20
ns
Maximum Forward Recovery Time
(iF = 1.0 A, di/dt = 100 A/ms, Rec. to 1.0 V)
tfr
20
ns
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle v 2.0%.
0.3
0.1
0.07
0.03
0.7
0.6
0.5
0.01
0.4
0.8
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.05
0.02
0.9
1
1.1
0.3
0.1
0.07
0.03
0.7
0.6
0.5
0.01
0.4
0.8
vF, INSTANTANEOUS VOLTAGE (VOLTS)
100
°C
25
°C
175
°C
vF, INSTANTANEOUS VOLTAGE (VOLTS)
TC = 25°C
175
°C
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.05
0.02
0.9
1
1.1
100
°C


Similar Part No. - MURS205T3_06

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MURS205T3G TAYCHIPST-MURS205T3G Datasheet
1Mb / 3P
   SURFACE MOUNT ULTRAFAST POWER RECTIFIERS
logo
ON Semiconductor
MURS205T3G ONSEMI-MURS205T3G Datasheet
128Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 2
MURS205T3G ONSEMI-MURS205T3G_12 Datasheet
128Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 2
More results

Similar Description - MURS205T3_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA205T3 ONSEMI-MURA205T3_06 Datasheet
49Kb / 4P
   ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 3
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
MURF860G ONSEMI-MURF860G Datasheet
142Kb / 8P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
May, 2013 ??Rev. 11
logo
Kersemi Electronic Co.,...
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR3040PT KERSEMI-MUR3040PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
MUR1520G KERSEMI-MUR1520G Datasheet
432Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com