Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURS205T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MURS205T3
Description  ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURS205T3 Datasheet(HTML) 1 Page - ON Semiconductor

  MURS205T3_06 Datasheet HTML 1Page - ON Semiconductor MURS205T3_06 Datasheet HTML 2Page - ON Semiconductor MURS205T3_06 Datasheet HTML 3Page - ON Semiconductor MURS205T3_06 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 1
1
Publication Order Number:
MURS205T3/D
MURS205T3, MURS210T3
Preferred Device
Surface Mount
Ultrafast Power Rectifiers
Ideally suited for high voltage, high frequency rectification, or as
free wheeling and protection diodes in surface mount applications
where compact size and weight are critical to the system.
Features
Small Compact Surface Mountable Package with J−Bend Leads
Rectangular Package for Automated Handling
High Temperature Glass Passivated Junction
Low Forward Voltage Drop (0.74 V Max @ 2.0 A, TJ = 150°C)
Pb−Free Packages are Available
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 95 mg (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Polarity: Polarity Band Indicates Cathode Lead
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
MURA205T3
MURA210T3
VRRM
VRWM
VR
50
100
V
Average Rectified Forward Current
@ TL = 150°C
@ TL = 125°C
IF(AV)
1.0
2.0
A
Non-Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
50
A
Operating Junction Temperature
TJ
−60 to +175
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Lead
(TL = 25°C)
RqJL
13
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
Device
Package
Shipping
ORDERING INFORMATION
MURS205T3
SMB
2500 Tape & Reel
MURS210T3
SMB
2500 Tape & Reel
ULTRAFAST RECTIFIERS
2 AMPERES, 50−100 VOLTS
SMB
CASE 403A
Preferred devices are recommended choices for future use
and best overall value.
A
= Assembly Location
Y
= Year
WW
= Work Week
U2x
= Device Code
x = A for MURS205T3
= B for MURS210T3
G
= Pb−Free Package
AYWW
U2x
G
G
MURS210T3G
SMB
(Pb−Free)
2500 Tape & Reel
MURS205T3G
SMB
(Pb−Free)
2500 Tape & Reel
(Note: Microdot may be in either location)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
MARKING DIAGRAM


Similar Part No. - MURS205T3_06

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MURS205T3G TAYCHIPST-MURS205T3G Datasheet
1Mb / 3P
   SURFACE MOUNT ULTRAFAST POWER RECTIFIERS
logo
ON Semiconductor
MURS205T3G ONSEMI-MURS205T3G Datasheet
128Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 2
MURS205T3G ONSEMI-MURS205T3G_12 Datasheet
128Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 2
More results

Similar Description - MURS205T3_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA205T3 ONSEMI-MURA205T3_06 Datasheet
49Kb / 4P
   ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 3
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
MURF860G ONSEMI-MURF860G Datasheet
142Kb / 8P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
May, 2013 ??Rev. 11
logo
Kersemi Electronic Co.,...
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR3040PT KERSEMI-MUR3040PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
MUR1520G KERSEMI-MUR1520G Datasheet
432Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com