Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURH840CT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MURH840CT
Description  ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURH840CT Datasheet(HTML) 1 Page - ON Semiconductor

  MURH840CT Datasheet HTML 1Page - ON Semiconductor MURH840CT Datasheet HTML 2Page - ON Semiconductor MURH840CT Datasheet HTML 3Page - ON Semiconductor MURH840CT Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 4
1
Publication Order Number:
MURH840CT/D
MURH840CT
MEGAHERTZ™
Power Rectifier
Features and Benefits
Low Forward Voltage
Low Power Loss/High Efficiency
High Surge Capacity
175°C Operating Junction Temperature
8 A Total (4 A Per Diode Leg)
Pb−Free Package is Available
Applications
Power Supply − Output Rectification
Power Management
Instrumentation
Mechanical Characteristics
Case: Epoxy, Molded
Epoxy Meets UL 94 V−0 @ 0.125 in
Weight: 1.9 Grams (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
ESD Rating:
Human Body Model 3B
Machine Model C
Device
Package
Shipping
ORDERING INFORMATION
MURH840CT
TO−220
http://onsemi.com
TO−220AB
CASE 221A
PLASTIC
50 Units/Rail
3
4
1
ULTRAFAST RECTIFIER
8.0 AMPERES, 400 VOLTS
trr = 28 ns
1
3
2, 4
2
MARKING DIAGRAM
A
= Assembly Location
Y
= Year
WW
= Work Week
UH840 = Device Code
G
= Pb−Free Package
AKA
= Diode Polarity
MURH840CTG
TO−220
(Pb−Free)
50 Units/Rail
AYWW
UH840G
AKA


Similar Part No. - MURH840CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURH840CT MOTOROLA-MURH840CT Datasheet
78Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
logo
Micro Commercial Compon...
MURH840CT MCC-MURH840CT Datasheet
150Kb / 2P
   8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Shanghai Lunsure Electr...
MURH840CT CHENYI-MURH840CT Datasheet
400Kb / 2P
   8Amp super fast glass passivated rectifier 50to600 volts
logo
ON Semiconductor
MURH840CT ONSEMI-MURH840CT Datasheet
123Kb / 4P
   MEGAHERTZ??Power Rectifier
June, 2008 ??Rev. 5
logo
Kersemi Electronic Co.,...
MURH840CT KERSEMI-MURH840CT Datasheet
409Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS trr = 28 ns
More results

Similar Description - MURH840CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURHB840CT MOTOROLA-MURHB840CT Datasheet
107Kb / 6P
   ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
MURH840CT MOTOROLA-MURH840CT Datasheet
78Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
logo
ON Semiconductor
MURHB840CT ONSEMI-MURHB840CT_06 Datasheet
56Kb / 5P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MURH840CT KERSEMI-MURH840CT Datasheet
409Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS trr = 28 ns
logo
ON Semiconductor
MURH860CT ONSEMI-MURH860CT_06 Datasheet
54Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
February, 2006 ??Rev. 3
logo
Motorola, Inc
MURH8100E MOTOROLA-MURH8100E Datasheet
140Kb / 6P
   ULTRAFAST RECTIFIER 8.0 AMPERES 1000 VOLTS
logo
ON Semiconductor
MURHF860CT ONSEMI-MURHF860CT_06 Datasheet
88Kb / 3P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
April, 2006 ??Rev. 4
logo
Motorola, Inc
MURH860CT MOTOROLA-MURH860CT Datasheet
82Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
MURHF860CT MOTOROLA-MURHF860CT Datasheet
50Kb / 2P
   ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
logo
Rectron Semiconductor
MUR820P RECTRON-MUR820P Datasheet
137Kb / 8P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 8.0 Amperes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com