Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURA205T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MURA205T3
Description  ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURA205T3 Datasheet(HTML) 2 Page - ON Semiconductor

  MURA205T3_06 Datasheet HTML 1Page - ON Semiconductor MURA205T3_06 Datasheet HTML 2Page - ON Semiconductor MURA205T3_06 Datasheet HTML 3Page - ON Semiconductor MURA205T3_06 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MURA205T3, MURA210T3
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (Note 3)
(iF = 2.0 A, TJ = 25°C)
(iF = 2.0 A, TJ = 150°C)
vF
0.94
0.74
V
Maximum Instantaneous Reverse Current (Note 3)
(Rated DC Voltage, TJ = 25°C)
(Rated DC Voltage, TJ = 150°C)
iR
2.0
50
mA
Maximum Reverse Recovery Time
(iF = 1.0 A, di/dt = 50 A/ms)
trr
30
ns
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle v 2.0%.
10
0.1
80
60
40
0.001
20
100
VR, REVERSE VOLTAGE (VOLTS)
VF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Reverse Current
Figure 2. Maximum Reverse Current
Figure 3. Typical Forward Voltage
Figure 4. Maximum Forward Voltage
0.01
1
100
0
0.7
0.6
0.5
0.4
0.8
0.01
10
0.3
1
0.1
1
0.9
1.1
10
0.1
80
60
40
20
100
VR, REVERSE VOLTAGE (VOLTS)
VF, INSTANTANEOUS VOLTAGE (VOLTS)
1
100
0
0.7
0.6
0.5
0.4
0.8
0.01
10
0.3
1
0.1
1
0.9
1.1
TJ = 175°C
TJ = 100°C
TJ = 25°C
TJ = 175°C
TJ = 100°C
TJ = 25°C
TC = 175°C
100
°C
25
°C
TC = 175°C
100
°C
25
°C


Similar Part No. - MURA205T3_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA205T3G ONSEMI-MURA205T3G Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 4
MURA205T3G ONSEMI-MURA205T3G Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 6
More results

Similar Description - MURA205T3_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURS205T3 ONSEMI-MURS205T3_06 Datasheet
48Kb / 4P
   ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 1
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
MURF860G ONSEMI-MURF860G Datasheet
142Kb / 8P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
May, 2013 ??Rev. 11
logo
Kersemi Electronic Co.,...
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR3040PT KERSEMI-MUR3040PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
MUR1520G KERSEMI-MUR1520G Datasheet
432Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com