Electronic Components Datasheet Search |
|
MUR8100E Datasheet(PDF) 1 Page - ON Semiconductor |
|
MUR8100E Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 6 page © Semiconductor Components Industries, LLC, 2006 February, 2006 − Rev. 3 1 Publication Order Number: MUR8100E/D MUR8100E, MUR880E MUR8100E is a Preferred Device SWITCHMODEt Power Rectifiers Ultrafast “E’’ Series with High Reverse Energy Capability The MUR8100 and MUR880E diodes are designed for use in switching power supplies, inverters and as free wheeling diodes. Features • 20 mJ Avalanche Energy Guaranteed • Excellent Protection Against Voltage Transients in Switching Inductive Load Circuits • Ultrafast 75 Nanosecond Recovery Time • 175°C Operating Junction Temperature • Popular TO−220 Package • Epoxy Meets UL 94 V−0 @ 0.125 in. • Low Forward Voltage • Low Leakage Current • High Temperature Glass Passivated Junction • Reverse Voltage to 1000 V • Pb−Free Packages are Available* Mechanical Characteristics: • Case: Epoxy, Molded • Weight: 1.9 Grams (Approximately) • Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable • Lead Temperature for Soldering Purposes: 260 °C Max. for 10 Seconds *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. Device Package Shipping ORDERING INFORMATION MUR8100E TO−220 50 Units / Rail ULTRAFAST RECTIFIERS 8.0 A, 800 V − 1000 V 50 Units / Rail Preferred devices are recommended choices for future use and best overall value. 1 3 4 MUR8100EG TO−220 (Pb−Free) 50 Units / Rail http://onsemi.com MUR880E TO−220 50 Units / Rail MUR880EG TO−220 (Pb−Free) TO−220AC CASE 221B 4 3 1 MARKING DIAGRAM AY WWG U8xxxE KA A = Assembly Location Y = Year WW = Work Week G = Pb−Free Package U8xxxE = Device Code xxx = 100 or 80 KA = Diode Polarity |
Similar Part No. - MUR8100E_06 |
|
Similar Description - MUR8100E_06 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |