Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYD12M Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BYD12M
Description  Controlled avalanche rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD12M Datasheet(HTML) 6 Page - NXP Semiconductors

  BYD12M Datasheet HTML 1Page - NXP Semiconductors BYD12M Datasheet HTML 2Page - NXP Semiconductors BYD12M Datasheet HTML 3Page - NXP Semiconductors BYD12M Datasheet HTML 4Page - NXP Semiconductors BYD12M Datasheet HTML 5Page - NXP Semiconductors BYD12M Datasheet HTML 6Page - NXP Semiconductors BYD12M Datasheet HTML 7Page - NXP Semiconductors BYD12M Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1998 Dec 03
6
Philips Semiconductors
Preliminary specification
Controlled avalanche rectifiers
BYD12 series
PACKAGE OUTLINE
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sa
Data Sheet Status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
Note
1. The marking band indicates the cathode.
SOD120
98-05-25
Hermetically sealed glass package; axial leaded; 2 leads
SOD120
UNIT
b
mm
0.6
D
max.
G1
max.
28
3.0
2.15
L
min.
DIMENSIONS (mm are the original dimensions)
G1
L
D
L
b
(1)
0
2
4 mm
scale


Similar Part No. - BYD12M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD123 PHILIPS-BYD123 Datasheet
65Kb / 8P
   Ultra fast low-loss rectifier
1999 Feb 10
BYD127 PHILIPS-BYD127 Datasheet
48Kb / 8P
   Ultra fast low-loss rectifier
1999 Nov 15
logo
EIC discrete Semiconduc...
BYD127A EIC-BYD127A Datasheet
109Kb / 2P
   ULTRA FAST LOW-LOSS RECTIFIER
logo
Zowie Technology Corpor...
BYD127Z ZOWIE-BYD127Z Datasheet
95Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
BYD127ZH ZOWIE-BYD127ZH Datasheet
47Kb / 2P
   Ultrafast Efficient Rectifier
More results

Similar Description - BYD12M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Oct 03
BAS11 PHILIPS-BAS11 Datasheet
42Kb / 7P
   Controlled avalanche rectifiers
1996 Sep 26
1N5059 PHILIPS-1N5059 Datasheet
74Kb / 7P
   Controlled avalanche rectifiers
1996 Jun 19
logo
Shenzhen Taychipst Elec...
BYG50D TAYCHIPST-BYG50D Datasheet
4Mb / 3P
   Controlled avalanche rectifiers
logo
NXP Semiconductors
BYM56 PHILIPS-BYM56 Datasheet
48Kb / 7P
   Controlled avalanche rectifiers
1996 May 24
BYD11 PHILIPS-BYD11 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Sep 26
BYG50 PHILIPS-BYG50 Datasheet
41Kb / 6P
   Controlled avalanche rectifiers
1996 May 24
logo
New Jersey Semi-Conduct...
BYW54 NJSEMI-BYW54 Datasheet
136Kb / 2P
   Controlled avalanche rectifiers
logo
Shenzhen Taychipst Elec...
BYD13D TAYCHIPST-BYD13D Datasheet
3Mb / 3P
   Controlled avalanche rectifiers
logo
NXP Semiconductors
BYD13 PHILIPS-BYD13 Datasheet
39Kb / 7P
   Controlled avalanche rectifiers
1996 May 24
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com