Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB6N14S Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB6N14S
Description  3.3 V 1:4 AnyLevel Differential Input to LVDS Fanout Buffer/Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6N14S Datasheet(HTML) 4 Page - ON Semiconductor

  NB6N14S Datasheet HTML 1Page - ON Semiconductor NB6N14S Datasheet HTML 2Page - ON Semiconductor NB6N14S Datasheet HTML 3Page - ON Semiconductor NB6N14S Datasheet HTML 4Page - ON Semiconductor NB6N14S Datasheet HTML 5Page - ON Semiconductor NB6N14S Datasheet HTML 6Page - ON Semiconductor NB6N14S Datasheet HTML 7Page - ON Semiconductor NB6N14S Datasheet HTML 8Page - ON Semiconductor NB6N14S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NB6N14S
http://onsemi.com
4
Table 5. DC CHARACTERISTICS VCC = 3.0 V to 3.6 V, GND = 0 V, TA = −40°C to +85°C
Symbol
Characteristic
Min
Typ
Max
Unit
ICC
Power Supply Current (Note 9)
65
100
mA
DIFFERENTIAL INPUTS DRIVEN SINGLE−ENDED (Figures 10, 11, 15, and 17)
Vth
Input Threshold Reference Voltage Range (Note 8)
GND +100
VCC − 100
mV
VIH
Single−ended Input HIGH Voltage
Vth + 100
VCC
mV
VIL
Single−ended Input LOW Voltage
GND
Vth − 100
mV
VREF_AC Reference Output Voltage (Note 11)
VCC − 1.600 VCC − 1.425 VCC − 1.300
V
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (Figures 6, 7, 8, 9, 16, and 18)
VIHD
Differential Input HIGH Voltage
100
VCC
mV
VILD
Differential Input LOW Voltage
GND
VCC − 100
mV
VCMR
Input Common Mode Range (Differential Configuration)
GND + 50
VCC − 50
mV
VID
Differential Input Voltage (VIHD − VILD)
100
VCC
mV
RTIN
Internal Input Termination Resistor
40
50
60
W
LVDS OUTPUTS (Note 5)
VOD
Differential Output Voltage
250
450
mV
DVOD
Change in Magnitude of VOD for Complementary Output States
(Note 10)
0
1
25
mV
VOS
Offset Voltage (Figure 14)
1125
1375
mV
DVOS
Change in Magnitude of VOS for Complementary Output States
(Note 10)
0
1
25
mV
VOH
Output HIGH Voltage (Note 6)
1425
1600
mV
VOL
Output LOW Voltage (Note 7)
900
1075
mV
LVTTL/LVCMOS INPUTS
VIH
Input HIGH Voltage (Note 7, 8)
2.0
VCC
V
VIL
Input LOW Voltage (Note 7, 8)
GND
0.8
V
IIH
Input HIGH Current
−150
150
mA
IIL
Input LOW Current
−150
150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. LVDS outputs require 100 W receiver termination resistor between differential pair. See Figure 13.
6. VOHmax = VOSmax + ½ VODmax.
7. VOLmax = VOSmin − ½ VODmax.
8. Vth is applied to the complementary input when operating in single−ended mode.
9. Input termination pins open, D/D at the DC level within VCMR and output pins loaded with RL = 100 W across differential.
10.Parameter guaranteed by design verification not tested in production.
11. VREF_AC used to rebias capacitor−coupled inputs only (see Figures 10 and 11).


Similar Part No. - NB6N14S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6N14SMNGEVB ONSEMI-NB6N14SMNGEVB Datasheet
279Kb / 11P
   3.3 V 1:4 AnyLevel Differential Input to LVDS Fanout Buffer/Translator
September, 2013 ??Rev. 8
More results

Similar Description - NB6N14S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6N14SMNGEVB ONSEMI-NB6N14SMNGEVB Datasheet
279Kb / 11P
   3.3 V 1:4 AnyLevel Differential Input to LVDS Fanout Buffer/Translator
September, 2013 ??Rev. 8
NB6L14S ONSEMI-NB6L14S Datasheet
216Kb / 11P
   2.5 V 1:4 AnyLevel??Differential Input to LVDS Fanout Buffer/Translator
June, 2009 ??Rev. 0
NB6N11S ONSEMI-NB6N11S_06 Datasheet
174Kb / 9P
   3.3 V 1:2 AnyLevel TM Input to LVDS Fanout Buffer /Translator
May, 2006 ??Rev. 0
NB6L11SMNGEVB ONSEMI-NB6L11SMNGEVB Datasheet
231Kb / 11P
   2.5 V 1:2 AnyLevel Input to LVDS Fanout Buffer / Translator
November, 2014 ??Rev. 9
NB3L8504S ONSEMI-NB3L8504S_16 Datasheet
249Kb / 11P
   1:4 Differential Input to LVDS Fanout Buffer / Translator
April, 2016 ??Rev. 2
NB6L11S ONSEMI-NB6L11S_06 Datasheet
106Kb / 10P
   2.5 V 1:2 AnyLevel TM Input to LVDS Fanout Buffer / Translator
September, 2006 ??Rev. 2
NB3L8504S ONSEMI-NB3L8504S Datasheet
295Kb / 11P
   2.5 V / 3.3 V 1:4 Differential Input to LVDS Fanout Buffer
November, 2014 ??Rev. 1
NB6L14S ONSEMI-NB6L14S_11 Datasheet
241Kb / 11P
   Differential Input to LVDS Fanout Buffer/Translator
October, 2011 ??Rev. 2
MC100EPT26 ONSEMI-MC100EPT26_16 Datasheet
165Kb / 8P
   3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
August, 2016 ??Rev. 17
logo
Micrel Semiconductor
SY89833L MICREL-SY89833L Datasheet
156Kb / 10P
   3.3V, 2GHz ANY-DIFFERENTIAL INPUT-TO-LVDS 1:4 FANOUT BUFFER/TRANSLATOR W/ INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com