Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34063AD Datasheet(PDF) 9 Page - ON Semiconductor

Part No. MC34063AD
Description  1.5 A, Step−Up/Down/ Inverting Switching Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34063AD Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC34063AD Datasheet HTML 5Page - ON Semiconductor MC34063AD Datasheet HTML 6Page - ON Semiconductor MC34063AD Datasheet HTML 7Page - ON Semiconductor MC34063AD Datasheet HTML 8Page - ON Semiconductor MC34063AD Datasheet HTML 9Page - ON Semiconductor MC34063AD Datasheet HTML 10Page - ON Semiconductor MC34063AD Datasheet HTML 11Page - ON Semiconductor MC34063AD Datasheet HTML 12Page - ON Semiconductor MC34063AD Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MC34063A, MC33063A, NCV33063A
http://onsemi.com
9
5.45
′′
2.500
′′
(Top view, copper foil as seen through the board from the component side)
(Top View, Component Side)
*Optional Filter.
Figure 14. Printed Circuit Board and Component Layout
(Circuits of Figures 8, 10, 12)
MC34063A
MC34063A
MC34063A
INDUCTOR DATA
Converter
Inductance (
mH)
Turns/Wire
Step−Up
170
38 Turns of #22 AWG
Step−Down
220
48 Turns of #22 AWG
Voltage−Inverting
88
28 Turns of #22 AWG
All inductors are wound on Magnetics Inc. 55117 toroidal core.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn