Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34063AD Datasheet(PDF) 8 Page - ON Semiconductor

Part No. MC34063AD
Description  1.5 A, Step−Up/Down/ Inverting Switching Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34063AD Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC34063AD Datasheet HTML 4Page - ON Semiconductor MC34063AD Datasheet HTML 5Page - ON Semiconductor MC34063AD Datasheet HTML 6Page - ON Semiconductor MC34063AD Datasheet HTML 7Page - ON Semiconductor MC34063AD Datasheet HTML 8Page - ON Semiconductor MC34063AD Datasheet HTML 9Page - ON Semiconductor MC34063AD Datasheet HTML 10Page - ON Semiconductor MC34063AD Datasheet HTML 11Page - ON Semiconductor MC34063AD Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MC34063A, MC33063A, NCV33063A
http://onsemi.com
8
1.25 V
Ref
Reg
Vout
−12 V/100 mA
Vout
1.0
mH
+
100
Optional Filter
8
7
Rsc
0.24
6
Vin
4.5 V to 6.0 V
100
+
5
R2
8.2 k
SQ
R
Q2
Q1
Ipk
OSC
CT
Comp.
R1
953
1
2
3
4
+
1500
pF
+
1N5819
1000
mf
+
88
mH
VCC
CO
L
Test
Conditions
Results
Line Regulation
Vin = 4.5 V to 6.0 V, IO = 100 mA
3.0 mV =
±0.012%
Load Regulation
Vin = 5.0 V, IO = 10 mA to 100 mA
0.022 V =
±0.09%
Output Ripple
Vin = 5.0 V, IO = 100 mA
500 mVpp
Short Circuit Current
Vin = 5.0 V, RL = 0.1 W
910 mA
Efficiency
Vin = 5.0 V, IO = 100 mA
62.2%
Output Ripple With Optional Filter
Vin = 5.0 V, IO = 100 mA
70 mVpp
Figure 12. Voltage Inverting Converter
13a. External NPN Switch
13b. External PNP Saturated Switch
8
7
6
Vin
1
2
Vout
8
7
6
Vin
1
2
Vout
Figure 13. External Current Boost Connections for IC Peak Greater than 1.5 A
3
4
+
3
4
+


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn