Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYD11G Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYD11G
Description  Controlled avalanche rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD11G Datasheet(HTML) 5 Page - NXP Semiconductors

  BYD11G Datasheet HTML 1Page - NXP Semiconductors BYD11G Datasheet HTML 2Page - NXP Semiconductors BYD11G Datasheet HTML 3Page - NXP Semiconductors BYD11G Datasheet HTML 4Page - NXP Semiconductors BYD11G Datasheet HTML 5Page - NXP Semiconductors BYD11G Datasheet HTML 6Page - NXP Semiconductors BYD11G Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1996 Sep 26
5
Not recommended for new designs
Philips Semiconductors
Product specification
Controlled avalanche rectifiers
BYD11 series
Solid line: Tj =25 °C.
Dotted line: Tj = 175 °C.
Fig.6
Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
0
4
3
1
0
2
MBG047
IF
(A)
VF (V)
2
1
Fig.7
Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
200
0
100
10
1
10
10
o
Tj
C
()
MCD582
IR
3
2
(
µA)
VR =VRRMmax.
Fig.8
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
1
MBG025
10
102
10
3
10−1
10 1
1
Cd
(pF)
VR (V)
Fig.9 Device mounted on a printed-circuit board.
handbook, halfpage
MGA200
3
2
7
50
25
50
Dimensions in mm.


Similar Part No. - BYD11G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD1100 PHILIPS-BYD1100 Datasheet
62Kb / 12P
   Hyper fast soft-recovery rectifier
1999 Nov 16
More results

Similar Description - BYD11G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Oct 03
BAS11 PHILIPS-BAS11 Datasheet
42Kb / 7P
   Controlled avalanche rectifiers
1996 Sep 26
1N5059 PHILIPS-1N5059 Datasheet
74Kb / 7P
   Controlled avalanche rectifiers
1996 Jun 19
logo
Shenzhen Taychipst Elec...
BYG50D TAYCHIPST-BYG50D Datasheet
4Mb / 3P
   Controlled avalanche rectifiers
logo
NXP Semiconductors
BYM56 PHILIPS-BYM56 Datasheet
48Kb / 7P
   Controlled avalanche rectifiers
1996 May 24
BYG50 PHILIPS-BYG50 Datasheet
41Kb / 6P
   Controlled avalanche rectifiers
1996 May 24
logo
New Jersey Semi-Conduct...
BYW54 NJSEMI-BYW54 Datasheet
136Kb / 2P
   Controlled avalanche rectifiers
logo
Shenzhen Taychipst Elec...
BYD13D TAYCHIPST-BYD13D Datasheet
3Mb / 3P
   Controlled avalanche rectifiers
logo
NXP Semiconductors
BYD12 PHILIPS-BYD12 Datasheet
49Kb / 8P
   Controlled avalanche rectifiers
1998 Dec 03
BYD13 PHILIPS-BYD13 Datasheet
39Kb / 7P
   Controlled avalanche rectifiers
1996 May 24
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com