Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNC82040 Datasheet(PDF) 10 Page - SONiX Technology Company

Part # SNC82040
Description  12-Channel MIDI/Speech Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC82040 Datasheet(HTML) 10 Page - SONiX Technology Company

Back Button SNC82040 Datasheet HTML 5Page - SONiX Technology Company SNC82040 Datasheet HTML 6Page - SONiX Technology Company SNC82040 Datasheet HTML 7Page - SONiX Technology Company SNC82040 Datasheet HTML 8Page - SONiX Technology Company SNC82040 Datasheet HTML 9Page - SONiX Technology Company SNC82040 Datasheet HTML 10Page - SONiX Technology Company SNC82040 Datasheet HTML 11Page - SONiX Technology Company SNC82040 Datasheet HTML 12Page - SONiX Technology Company SNC82040 Datasheet HTML 13Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SNC82040
12-Channel MIDI/Speech Controller
Ver: 1.5
Sep. 8, 2006
10
Power Supply: 4.5V
System Clock: Rosc with calibration or RTC function
Low Clock: R-Type
Voice output: DA output
REGOUT
CVDD
P00
P01
4.7uF
SNC82040
VDDVR
VDD
VDDPP
VDD
51K
GNDVR
VDD
10uF
10
10
0.1uF
VDD
VDD
P02
RST
0.1uF
P03
P04
P05
P06
P07
P24
P25
P26
P27
GND
GNDPP
P20
P21
P22
P23
CKSEL
TESTM
VO
BN0
BP0
LXIN
LXOUT
XOUT
VDD
VDD
1K
VDD
91K
XIN
200pF
Notice: If system clock is ROSC, please leave Xout and Xin as “no connect”.


Similar Part No. - SNC82040

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC82020 SONIX-SNC82020 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82030 SONIX-SNC82030 Datasheet
120Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82060 SONIX-SNC82060 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82085 SONIX-SNC82085 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
More results

Similar Description - SNC82040

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC82268 SONIX-SNC82268 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82030 SONIX-SNC82030 Datasheet
120Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82085 SONIX-SNC82085 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82340 SONIX-SNC82340 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82168 SONIX-SNC82168 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82120 SONIX-SNC82120 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82020 SONIX-SNC82020 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82060 SONIX-SNC82060 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC88060 SONIX-SNC88060 Datasheet
123Kb / 14P
   24-Channel MIDI/Speech Controller
SNC88168 SONIX-SNC88168 Datasheet
123Kb / 14P
   24-Channel MIDI/Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com