Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MTD10N10EL Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MTD10N10EL
Description  TMOS E−FET Power Field Effect Transistor DPAK for Surface Mount
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MTD10N10EL Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 3
1
Publication Order Number:
MTD10N10EL/D
MTD10N10EL
TMOS E−FET™
Power Field Effect Transistor
DPAK for Surface Mount
N−Channel Enhancement−Mode Silicon
Gate
This advanced TMOS E−FET is designed to withstand high energy
in the avalanche and commutation modes. The new energy efficient
design also offers a drain−to−source diode with a fast recovery time.
Designed for low voltage, high speed switching applications in power
supplies, converters and PWM motor controls, these devices are
particularly well suited for bridge circuits where diode speed and
commutating safe operating areas are critical and offer additional
safety margin against unexpected voltage transients.
Features
Avalanche Energy Specified
Source−to−Drain Diode Recovery Time Comparable to a Discrete
Fast Recovery Diode
Diode is Characterized for Use in Bridge Circuits
IDSS and VDS(on) Specified at Elevated Temperature
Pb−Free Package is Available
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
100
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MW)
VDGR
100
Vdc
Gate−to−Source Voltage − Continuous
Non−Repetitive (tp ≤ 10 ms)
VGS
VGSM
±15
±20
Vdc
Vpk
Drain Current
− Continuous
− Continuous @ 100
°C
− Single Pulse (tp ≤ 10 ms)
ID
ID
IDM
10
6.0
35
Adc
Apk
Total Power Dissipation @ TC = 25°C
Derate above 25
°C
Total Power Dissipation @ TA = 25°C (Note 2)
PD
40
0.32
1.75
W
W/
°C
W
Operating and Storage Temperature Range
TJ, Tstg
−55 to
150
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 5.0 Vdc, IL = 10 Apk,
L = 1.0 mH, RG = 25 W)
EAS
50
mJ
Thermal Resistance
− Junction−to−Case
− Junction−to−Ambient (Note 1)
− Junction−to−Ambient (Note 2)
RθJC
RθJA
RθJA
3.13
100
71.4
°C/W
Maximum Temperature for Soldering
Purposes, 1/8
″ from case for 10 sec
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. When surface mounted to an FR4 board using minimum recommended pad
size.
2. When surface mounted to an FR4 board using 0.5 sq in pad size.
http://onsemi.com
MARKING DIAGRAM & PIN ASSIGNMENTS
10N10EL = Device Code
Y
= Year
WW
= Work Week
G
= Pb−Free Package
D
S
G
VDSS
RDS(ON) TYP
ID MAX
100 V
0.22
W
10 A
N−Channel
Gate 1
4
Drain
Device
Package
Shipping
ORDERING INFORMATION
DPAK
CASE 369C
(Surface Mount)
STYLE 2
MTD10N10ELT4G
DPAK
(Pb−Free)
2500 Tape & Reel
1 2
3
4
YWW
10ELG
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
Drain 2
Source 3
MTD10N10ELT4
DPAK
2500 Tape & Reel
10N


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn