Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33560 Datasheet(PDF) 14 Page - ON Semiconductor

Part # MC33560
Description  Power Management and Interface IC for Smartcard Readers and Couplers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33560 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button MC33560_05 Datasheet HTML 10Page - ON Semiconductor MC33560_05 Datasheet HTML 11Page - ON Semiconductor MC33560_05 Datasheet HTML 12Page - ON Semiconductor MC33560_05 Datasheet HTML 13Page - ON Semiconductor MC33560_05 Datasheet HTML 14Page - ON Semiconductor MC33560_05 Datasheet HTML 15Page - ON Semiconductor MC33560_05 Datasheet HTML 16Page - ON Semiconductor MC33560_05 Datasheet HTML 17Page - ON Semiconductor MC33560_05 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MC33560
http://onsemi.com
14
The card detector has an internal 50
ms debouncing delay.
The micro controller has to insert an additional delay (in the
ms range) to allow the card contacts to stabilize in the card
connector before setting PWRON = H.
When the card detector circuit detects a card extraction, it
activates the powerdown sequence and stops the converter,
regardless of the PWRON signal. The 50
ms delay of the
debouncer is enough to ensure that all card signals have
reached a safe value before communication with the card
takes place.
CARD STATUS
The controlling microprocessor is informed of the
MC33560 status by interrupt and by polling. When a card is
extracted or inserted, the INT line is asserted low. The
interrupt is cleared upon the rising edge of CS or upon the
rising edge of PWRON (INT line set to high state).
The microprocessor can poll the status at any time by
reading the RDYMOD pin with proper PWRON setting
(see Tables 2 and 4).
Since INT and RDYMOD have a high value pullup
resistor (240 k
W typical), their rise time can be as long as
10
ms if parasitic capacitance is high and no other pullup
circuitry is connected.
POWER MANAGER
The task of the power manager is to activate only those
circuit functions which are needed for a determined operating
mode in order to minimize power consumption (Figure 19).
In standby mode (PWRON = L) the power manager keeps
only the “card present” detector alive. All card interface pins
are forced to ground potential.
In the event of a powerup request from the microcontroller
(
PWRON L to H transition, CS = L) the power manager
starts the DC−DC converter. As soon as the CRDVCC
supply reaches the operating voltage range, the circuit
activates the card signals in the following sequence:
CRDVCC, CRDIO, CRDCLK, CRDC4/C8, CRDRST
At the end of the transaction (PWRON reset to L, CS = L)
or forced card extraction, the CRDVCC supply powers
down and the card signal deactivation sequence takes place:
CRDRST, CRDC4/C8, CRDCLK, CRDIO, CRDVCC
When CS = L, the bi−directional signal lines (I/O, C4 and
C8) are put into high impedance state to avoid signal
collision with the microcontroller in transmission mode.
BATTERY UNDERVOLTAGE DETECTOR
The task of this block is to monitor the supply voltage, and
to allow operation of the DC−DC converter only with valid
voltage (typically 1.5 V). The comparator has been designed
to have stability better than 20 mV in the temperature range.
DC−DC CONVERTER
Upon request from the power manager, the DC−DC
converter generates the CRDVCC supply for the smartcard.
The output voltage is programmable for 3.0 V or 5.0 V (see
Table 3) to guarantee full cross compatibility of the reader
for 5.0 V and 3.0 V smartcards. The wide voltage supply
range, 1.8 V < VBAT < 6.6 V, accommodates a broad range
of coupler applications with different battery configurations
(single cell or multiple cells, serial or parallel connections).
The CRDVCC is current−limited and short−circuit−proof.
To avoid excessive battery loading during a card
short−circuit, a current integration function forces the
powerdown sequence (Figure 28). To retry the session, the
microprocessor works through the power on sequence as
defined in the power manager section.
DC−DC CONVERTER OPERATING PRINCIPLES
The DC−DC converter architecture used in the MC33560
allows step−up and step−down voltage conversion to be
done. The unique regulation architecture permits an
automatic transition from step−up to step−down, and from
zero to full load, without affecting the output characteristics.
DC−DC
Converter
Description:
The
converter
architecture is very similar to the boost architecture, with an
active rectifier in place of the diode. The switching transistor
is connected to ground through a resistor network in order to
adjust the maximum peak current (Figure 22). A transistor
connected to the converter output (CRDVCC) forces this pin
to a low voltage when the converter is not operating. This
prevents erratic voltage supply to the smartcard when not
in use.
The MC33560 has a built in oscillator; the DC−DC
converter requires only one inductor and the output filtering
capacitor to operate.
Stepup Operation: When the card supply voltage is
lower than the battery voltage, the converter operates like a
boost converter; the active rectifier behavior is similar to
that of a diode.
Stepdown Operation: When the card supply voltage is
higher than the battery voltage, the rectifier control circuit
puts the power rectifying transistor in conduction when the
L1 voltage reaches VBAT + VFSAT22. The voltage across the
rectifying transistor is higher than in step−up operation. The
efficiency is lower, and similar to a linear regulator.
Fault Detection: The DC−DC converter has several
features that help to avoid electrical overstress of the
MC33560 and of the smartcard, and help to ensure that data
transmission with the smartcard occurs only when its supply
voltage is within predetermined limits. These functions are:
Overtemperature Detection,
Current Limitation, and
Card Supply Undervoltage Detection.
The level at which current will be limited is defined by the
maximum card supply current programmed with the
external components L1 and RLIM.
The undervoltage detection levels for 3.0 V and 5.0 V card
supply are preset internally to the MC33560.


Similar Part No. - MC33560_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33560DTB ONSEMI-MC33560DTB Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
MC33560DTBR2 ONSEMI-MC33560DTBR2 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
MC33560DW ONSEMI-MC33560DW Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
MC33560DWR2 ONSEMI-MC33560DWR2 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
More results

Similar Description - MC33560_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
logo
Freescale Semiconductor...
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
   Power Management and User Interface IC
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
    Power Management and User Interface IC
13892 FREESCALE-13892 Datasheet
3Mb / 75P
   Power Management and User Interface IC
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
   Versatile Power Management and Smart Card Interface IC
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
   Versatile Power Management and Smart Card Interface IC
February 2010
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
logo
ELATEC GmbH
HKSD-B ELATEC-HKSD-B Datasheet
227Kb / 2P
   TWN4 SmartCard holder Mounting solution for TWN4 MultiTech SmartCard readers
11/2023
logo
Texas Instruments
TPS65040 TI-TPS65040 Datasheet
1Mb / 72P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com