Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNC745 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNC745
Description  16-bit Voice Processor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC745 Datasheet(HTML) 3 Page - SONiX Technology Company

  SNC745_05 Datasheet HTML 1Page - SONiX Technology Company SNC745_05 Datasheet HTML 2Page - SONiX Technology Company SNC745_05 Datasheet HTML 3Page - SONiX Technology Company SNC745_05 Datasheet HTML 4Page - SONiX Technology Company SNC745_05 Datasheet HTML 5Page - SONiX Technology Company SNC745_05 Datasheet HTML 6Page - SONiX Technology Company SNC745_05 Datasheet HTML 7Page - SONiX Technology Company SNC745_05 Datasheet HTML 8Page - SONiX Technology Company SNC745_05 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SNC745
16-bit Voice Processor
4. ROM TABLE
The total ROM size is 512K words. But only 64K words ROM for programming.
And 32K words of all is the high speed program ROM. The high-low speed ratio is 1:16,
that is to say, if the instruction cycle is two clocks at high speed ROM, the instruction
cycle will down to 32 clocks at low speed ROM.
Hi-Speed ROM
(32K words)
0x000000
0x007FFF
Low-Speed program
ROM
(32K words)
0x008000
0x00FFFF
Data ROM
0x010000
0x07FFFF
Ver. 1.4
August 31, 2005
3


Similar Part No. - SNC745_05

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC745 SONIX-SNC745 Datasheet
231Kb / 15P
   16-bit Voice Processor
More results

Similar Description - SNC745_05

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC739 SONIX-SNC739 Datasheet
164Kb / 16P
   16-bit Voice Processor
SNC759 SONIX-SNC759 Datasheet
163Kb / 16P
   16-bit Voice Processor
SNC735 SONIX-SNC735 Datasheet
231Kb / 15P
   16-bit Voice Processor
SNC749 SONIX-SNC749 Datasheet
146Kb / 16P
   16-bit Voice Processor
SNC725 SONIX-SNC725 Datasheet
231Kb / 15P
   16-bit Voice Processor
SNC745 SONIX-SNC745 Datasheet
231Kb / 15P
   16-bit Voice Processor
SNC729 SONIX-SNC729 Datasheet
164Kb / 16P
   16-bit Voice Processor
logo
Nuvoton Technology Corp...
N571P032 NUVOTON-N571P032 Datasheet
649Kb / 19P
   32-BIT VOICE PROCESSOR
logo
List of Unclassifed Man...
N571P032 ETC2-N571P032 Datasheet
649Kb / 19P
   32-BIT VOICE PROCESSOR
logo
SONiX Technology Compan...
SNC710 SONIX-SNC710 Datasheet
499Kb / 16P
   16-bit Voice Engine
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com