Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33275D-3.3R2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC33275D-3.3R2
Description  300 mA, Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33275D-3.3R2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC33275D-3.3R2 Datasheet HTML 6Page - ON Semiconductor MC33275D-3.3R2 Datasheet HTML 7Page - ON Semiconductor MC33275D-3.3R2 Datasheet HTML 8Page - ON Semiconductor MC33275D-3.3R2 Datasheet HTML 9Page - ON Semiconductor MC33275D-3.3R2 Datasheet HTML 10Page - ON Semiconductor MC33275D-3.3R2 Datasheet HTML 11Page - ON Semiconductor MC33275D-3.3R2 Datasheet HTML 12Page - ON Semiconductor MC33275D-3.3R2 Datasheet HTML 13Page - ON Semiconductor MC33275D-3.3R2 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MC33275, NCV33275
http://onsemi.com
10
ORDERING INFORMATION
Device
VO Typ (V)
Operating Temperature
Range, Tolerance
Case
Package
Marking
Shipping
MC33275D−2.5
2.5 V
(Fixed Voltage)
1% Tolerance
at TA = 25°C
2% Tolerance at
TJ from −40°C to +125°C
751
SOIC−8
27525
98 Units/Rail
MC33275D−2.5G
751
SOIC−8
(Pb−Free)
27525
98 Units/Rail
MC33275D−2.5R2
751
SOIC−8
27525
2500/Tape & Reel
MC33275D−2.5R2G
751
SOIC−8
(Pb−Free)
27525
2500/Tape & Reel
MC33275DT−2.5
369A
DPAK
27525
75 Units/Rail
MC33275DT−2.5G
369A
DPAK
(Pb−Free)
27525G
75 Units/Rail
MC33275DT−2.5RK
369A
DPAK
27525
2500/Tape & Reel
MC33275DT−2.5RKG
369A
DPAK
(Pb−Free)
27525G
2500/Tape & Reel
MC33275MN−2.5R2G
488AF
DFN8
(Pb−Free)
27525
3000/Tape & Reel
MC33275ST−2.5T3
318E
SOT−223
27525
4000/Tape & Reel
MC33275ST−2.5T3G
318E
SOT−223
(Pb−Free)
27525
4000/Tape & Reel
MC33275D−3.0
3.0 V
(Fixed Voltage)
751
SOIC−8
27530
98 Units/Rail
MC33275D−3.0G
751
SOIC−8
(Pb−Free)
27530
98 Units/Rail
MC33275D−3.0R2
751
SOIC−8
27530
2500/Tape & Reel
MC33275D−3.0R2G
751
SOIC−8
(Pb−Free)
27530
2500/Tape & Reel
MC33275DT−3.0
369A
DPAK
27530
75 Units/Rail
MC33275DT−3.0G
369A
DPAK
(Pb−Free)
27530G
75 Units/Rail
MC33275DT−3.0RK
369A
DPAK
27530
2500/Tape & Reel
MC33275DT−3.0RKG
369A
DPAK
(Pb−Free)
27530G
2500/Tape & Reel
MC33275MN−3.0R2G
488AF
DFN8
(Pb−Free)
27530
3000/Tape & Reel
MC33275ST−3.0T3
318E
SOT−223
27530
4000/Tape & Reel
MC33275ST−3.0T3G
318E
SOT−223
(Pb−Free)
27530
4000/Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC33275D-3.3R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33275D-3.3R2 ONSEMI-MC33275D-3.3R2 Datasheet
197Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
More results

Similar Description - MC33275D-3.3R2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_15 Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com