Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33363B Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC33363B
Description  High Voltage Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33363B Datasheet(HTML) 5 Page - ON Semiconductor

  MC33363B_05 Datasheet HTML 1Page - ON Semiconductor MC33363B_05 Datasheet HTML 2Page - ON Semiconductor MC33363B_05 Datasheet HTML 3Page - ON Semiconductor MC33363B_05 Datasheet HTML 4Page - ON Semiconductor MC33363B_05 Datasheet HTML 5Page - ON Semiconductor MC33363B_05 Datasheet HTML 6Page - ON Semiconductor MC33363B_05 Datasheet HTML 7Page - ON Semiconductor MC33363B_05 Datasheet HTML 8Page - ON Semiconductor MC33363B_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC33363B
http://onsemi.com
5
1.80 V
1.0
ms/DIV
1.0
ms/DIV
VCC = 20 V
AV = −1.0
CL = 10 pF
TA = 25°C
Figure 8. Error Amplifier Small Signal
Transient Response
Figure 9. Error Amplifier Large Signal
Transient Response
VCC = 20 V
AV = −1.0
CL = 10 pF
TA = 25°C
1.75 V
1.70 V
3.00 V
1.75 V
0.50 V
1.0
160
0
6
−50
32
0
0
VDS, DRAIN−SOURCE VOLTAGE (V)
VCC = 20 V
TA = 25°C
VCC, POWER SUPPLY VOLTAGE (V)
TA, AMBIENT TEMPERATURE (°C)
ID = 200 mA
Figure 10. Regulator Output Voltage
Change versus Source Current
Ireg, REGULATOR SOURCE CURRENT (mA)
Figure 11. Peak Startup Current
versus Power Supply Voltage
VCC = 20 V
RT = 10 k
CPin 8 = 1.0 mF
TA = 25°C
Figure 12. Power Switch Drain−Source
On−Resistance versus Temperature
Figure 13. Power Switch
Drain−Source Capacitance versus Voltage
Pulse tested at 5.0 ms with < 1.0% duty cycle
so that TJ is as close to TA as possible.
COSS measured at 1.0 MHz with 50 mVpp.
−20
−40
−60
−80
24
16
8.0
0
3
0
120
40
80
0
4.0
8.0
12
16
20
2.0
4.0
6.0
8.0
10
12
−25
0
25
50
75
150
100
10
100
1000
125
5
2
4
1
VPin 1 = 50 V
TA = 25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MKP1V120_06 Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS 1  2  3  4  5  ON Semiconductor
LT1977 High Voltage 1.5A 500kHz Step-Down Switching Regulator with 100uA Quiescent Current 1  2  3  4  5  More Linear Technology
MC33362_06 High Voltage Switching Regulator 1  2  3  4  5  More ON Semiconductor
MC33363_06 High Voltage Switching Regulator 1  2  3  4  5  More ON Semiconductor
MC33363A_05 High Voltage Switching Regulator 1  2  3  4  5  More ON Semiconductor
LM5010A High Voltage 1A Step Down Switching Regulator 1  2  3  4  5  More National Semiconductor (TI)
LM723 HIGH PRECISION VOLTAGE REGULATOR 1  2  3  4  5  More STMicroelectronics
BAS19LT1_07 High Voltage Switching Diode 1  2  3  4  5  More ON Semiconductor
BAS20HT1 High Voltage Switching Diode 1  2  3  ON Semiconductor
MJE13011 HIGH VOLTAGE HIGH SPEED SWITCHING 1  2  3  4  Unisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn