Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33275DT-3.0G Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC33275DT-3.0G
Description  300 mA, Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33275DT-3.0G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC33275DT-3.0G Datasheet HTML 4Page - ON Semiconductor MC33275DT-3.0G Datasheet HTML 5Page - ON Semiconductor MC33275DT-3.0G Datasheet HTML 6Page - ON Semiconductor MC33275DT-3.0G Datasheet HTML 7Page - ON Semiconductor MC33275DT-3.0G Datasheet HTML 8Page - ON Semiconductor MC33275DT-3.0G Datasheet HTML 9Page - ON Semiconductor MC33275DT-3.0G Datasheet HTML 10Page - ON Semiconductor MC33275DT-3.0G Datasheet HTML 11Page - ON Semiconductor MC33275DT-3.0G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MC33275, NCV33275
http://onsemi.com
8
APPLICATIONS INFORMATION
LOAD
Cout
Vou
t
Vin
Cin
GND
Figure 15. Typical Application Circuit
The MC33275 regulators are designed with internal
current limiting and thermal shutdown making them
user−friendly. Figure 15 is a typical application circuit. The
output capability of the regulator is in excess of 300 mA,
with a typical dropout voltage of less than 260 mV. Internal
protective features include current and thermal limiting.
EXTERNAL CAPACITORS
These regulators require only a 0.33
mF (or greater)
capacitance between the output and ground for stability for
1.8 V, 2.5 V, 3.0 V, and 3.3 V output voltage options. Output
voltage options of 5.0 V require only 0.22
mF for stability.
The output capacitor must be mounted as close as possible
to the MC33275. If the output capacitor must be mounted
further than two centimeters away, then a larger value of
output capacitor may be required for stability. A value of
0.68
mF or larger is recommended. Most type of aluminum,
tantalum, or multilayer ceramic will perform adequately.
Solid
tantalums
or
appropriate
multilayer
ceramic
capacitors are recommended for operation below 25
°C. An
input bypass capacitor is recommended to improve transient
response or if the regulator is connected to the supply input
filter with long wire lengths, more than 4 inches. This will
reduce the circuit’s sensitivity to the input line impedance at
high frequencies. A 0.33
mF or larger tantalum, mylar,
ceramic, or other capacitor having low internal impedance
at high frequencies should be chosen. The bypass capacitor
should be mounted with shortest possible lead or track
length directly across the regulator’s input terminals.
Figure 16 shows the ESR that allows the LDO to remain
stable for various load currents.
0
100
LOAD CURRENT (mA)
100
200
300
10
1.0
0.1
Figure 16. ESR for Vout = 3.0V
Vout = 3.0 V
Cout = 1.0 mF
Cin = 1.0 mF
50
150
250
Stable Region
Applications should be tested over all operating
conditions to insure stability.
THERMAL PROTECTION
Internal thermal limiting circuitry is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded. When activated, typically at
150
°C, the output is disabled. There is no hysteresis built
into the thermal protection. As a result the output will appear
to be oscillating during thermal limit. The output will turn
off until the temperature drops below the 150
°C then the
output turns on again. The process will repeat if the junction
increases above the threshold. This will continue until the
existing conditions allow the junction to operate below the
temperature threshold.
Thermal limit is not a substitute for proper
heatsinking.
The internal current limit will typically limit current to
450 mA. If during current limit the junction exceeds 150
°C,
the thermal protection will protect the device also. Current
limit is not a substitute for proper heatsinking.
OUTPUT NOISE
In many applications it is desirable to reduce the noise
present at the output. Reducing the regulator bandwidth by
increasing the size of the output capacitor will reduce the noise.


Similar Part No. - MC33275DT-3.0G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33275DT-3.0G ONSEMI-MC33275DT-3.0G Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
More results

Similar Description - MC33275DT-3.0G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_15 Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com