Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33030DWG Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC33030DWG
Description  DC Servo Motor Controller/Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33030DWG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC33030DWG Datasheet HTML 7Page - ON Semiconductor MC33030DWG Datasheet HTML 8Page - ON Semiconductor MC33030DWG Datasheet HTML 9Page - ON Semiconductor MC33030DWG Datasheet HTML 10Page - ON Semiconductor MC33030DWG Datasheet HTML 11Page - ON Semiconductor MC33030DWG Datasheet HTML 12Page - ON Semiconductor MC33030DWG Datasheet HTML 13Page - ON Semiconductor MC33030DWG Datasheet HTML 14Page - ON Semiconductor MC33030DWG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MC33030
http://onsemi.com
11
Drive/Brake
Logic
Power
H−Switch
Overcurrent
Monitor
CDLY
Direction B
Feedback Input
less than V4
Dead Zone
Feedback Input
between V3 & V4
Direction A
Feedback Input
greater than V2
Dead Zone
Feedback Input
between V1 & V2
Reference Input Voltage
(Desired Actuator
Position)
Feedback Input
(True Actuator
Position)
Direction Latch
Q Output
Brake Enable
Q Brake
Q Brake
Direction Latch
Q Output
Sink
Source
Overcurrent
Latch Reset Input
High Z
Sink
High Z
Source
Drive
Output A
[1]
7.5 V
V4
V3
V2
Comparator A
Non Inverting Input
Threshold
Comparator B
Inverting Input
Threshold
Comparator
B Output
[9]
[8]
[7]
[5]
Drive
Output B
[6]
[4]
[3]
[2]
Figure 18. Timing Diagram
Direction B
Feedback Input
less than V1
Comparator
A Output
Window
Detector
V1


Similar Part No. - MC33030DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33030DW ONSEMI-MC33030DW Datasheet
322Kb / 16P
   DC SERVO MOTOR CONTROLLER/DRIVER
1996 REV 2
More results

Similar Description - MC33030DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33030 ONSEMI-MC33030 Datasheet
322Kb / 16P
   DC SERVO MOTOR CONTROLLER/DRIVER
1996 REV 2
logo
Toshiba Semiconductor
TB9056FNG TOSHIBA-TB9056FNG Datasheet
778Kb / 45P
   Automotive DC Servo Motor Driver
2017-08-09
logo
Infineon Technologies A...
TLE4209 INFINEON-TLE4209 Datasheet
93Kb / 12P
   DC Motor Driver for Servo Driver Applications
2000-09-05
TLE4209A INFINEON-TLE4209A_16 Datasheet
404Kb / 14P
   DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
TLE4209A INFINEON-TLE4209A Datasheet
329Kb / 14P
   DC Motor Driver for Servo Driver Applications
Rev.1.1, 2007-07-24
logo
IK Semicon Co., Ltd
IK8508 IKSEMICON-IK8508 Datasheet
723Kb / 12P
   DC Motor Driver for Servo Driver Applications
logo
Agamem Microelectronic ...
AA51880 AGAMEM-AA51880 Datasheet
387Kb / 10P
   SERVO MOTOR CONTROLLER
AA51882 AGAMEM-AA51882 Datasheet
239Kb / 8P
   SERVO MOTOR CONTROLLER
AA51883 AGAMEM-AA51883 Datasheet
110Kb / 7P
   SERVO MOTOR CONTROLLER
AA51890 AGAMEM-AA51890 Datasheet
233Kb / 7P
   SERVO MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com