Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14551B Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC14551B
Description  Quad 2?묬hannel Analog Multiplexer/Demultiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14551B Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC14551B Datasheet HTML 2Page - ON Semiconductor MC14551B Datasheet HTML 3Page - ON Semiconductor MC14551B Datasheet HTML 4Page - ON Semiconductor MC14551B Datasheet HTML 5Page - ON Semiconductor MC14551B Datasheet HTML 6Page - ON Semiconductor MC14551B Datasheet HTML 7Page - ON Semiconductor MC14551B Datasheet HTML 8Page - ON Semiconductor MC14551B Datasheet HTML 9Page - ON Semiconductor MC14551B Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC14551B
http://onsemi.com
7
TYPICAL RESISTANCE CHARACTERISTICS
Figure 10. VDD @ 7.5 V, VEE @ – 7.5 V
Figure 11. VDD @ 5.0 V, VEE @ – 5.0 V
350
300
250
200
150
100
50
0
−8.0
−10
−6.0 −4.0 −2.0
0
2.0
4.0
6.0
8.0
10
Vin, INPUT VOLTAGE (VOLTS)
TA = 125°C
−55°C
350
300
250
200
150
100
50
0
−8.0
−10
−6.0 −4.0 −2.0
0
2.0
4.0
6.0
8.0
10
Vin, INPUT VOLTAGE (VOLTS)
TA = 125°C
25°C
25°C
−55°C
700
600
500
400
300
200
100
0
−8.0
−10
−6.0 −4.0 −2.0
0
2.0
4.0
6.0
8.0
10
Vin, INPUT VOLTAGE (VOLTS)
TA = 125°C
−55°C
25°C
350
300
250
200
150
100
50
0
−8.0
−10
−6.0 −4.0 −2.0
0
2.0
4.0
6.0
8.0 10
Vin, INPUT VOLTAGE (VOLTS)
TA = 25°C
VDD = 2.5 V
5.0 V
7.5 V
Figure 12. VDD @ 2.5 V, VEE @ – 2.5 V
Figure 13. Comparison at 25
_C, VDD @ – VEE


Similar Part No. - MC14551B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14551B MOTOROLA-MC14551B Datasheet
250Kb / 9P
   Quad 2-Channel Analog Multiplezer/Demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC14551BCP ONSEMI-MC14551BCP Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551BD ONSEMI-MC14551BD Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
More results

Similar Description - MC14551B

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B_14 Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC74VHCT157A ONSEMI-MC74VHCT157A_05 Datasheet
101Kb / 7P
   Quad 2?묬hannel Multiplexer
December, 2005 ??Rev. 2
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com