Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14543BCP Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14543BCP
Description  BCD?뭪o?뭆even Segment Latch/Decoder/Driver for Liquid Crystals
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14543BCP Datasheet(HTML) 5 Page - ON Semiconductor

  MC14543BCP Datasheet HTML 1Page - ON Semiconductor MC14543BCP Datasheet HTML 2Page - ON Semiconductor MC14543BCP Datasheet HTML 3Page - ON Semiconductor MC14543BCP Datasheet HTML 4Page - ON Semiconductor MC14543BCP Datasheet HTML 5Page - ON Semiconductor MC14543BCP Datasheet HTML 6Page - ON Semiconductor MC14543BCP Datasheet HTML 7Page - ON Semiconductor MC14543BCP Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14543B
http://onsemi.com
5
Figure 1. Typical Output Source Characteristics
Figure 2. Typical Output Sink Characteristics
−24
−18
−12
−6.0
0
(VOH − VDD), SOURCE DEVICE VOLTAGE (Vdc)
−16
−12
−8.0
−4.0
0
VDD = 5.0 Vdc
POHmax = 70 mWdc
VDD = 10 Vdc
VDD = 15 Vdc
VSS = 0 Vdc
0
6.0
12
18
24
(VOL − VSS), SINK DEVICE VOLTAGE (Vdc)
0
4.0
8.0
12
16
VDD = 15 Vdc
VDD = 10 Vdc
VDD = 5.0 Vdc
VSS = 0 Vdc
POLmax = 70 mWdc
Figure 3. Dynamic Power Dissipation
Signal Waveforms
Inputs BI and Ph low, and Inputs D and LD high.
f in respect to a system clock.
Figure 4. Dynamic Signal Waveforms
(a) Inputs D, Ph, and BI low, and Inputs A, B, and LD high.
(b) Inputs D, Ph, and BI low, and Inputs A and B high.
(c) Data DCBA strobed into latches
20 ns
20 ns
VDD
VSS
VOH
VOL
10%
50%
90%
1
2f
50% DUTY CYCLE
A, B, AND C
ANY OUTPUT
All outputs connected to respective CL loads.
20 ns
20 ns
90%
10%
50%
tPHL
tPLH
90%
50%
10%
VDD
VSS
VOH
VOL
VDD
VSS
VDD
VSS
VOH
VOL
VDD
VSS
tTHL
tTLH
C
g
LD
C
g
LD
20 ns
90%
50%
10%
50%
50%
th
tsu
50%
tWH


Similar Part No. - MC14543BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14543BCP ONSEMI-MC14543BCP Datasheet
201Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver for Liquid Crystals
March, 2000 ??Rev. 3
More results

Similar Description - MC14543BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14511B ONSEMI-MC14511B_06 Datasheet
203Kb / 10P
   BCD?뭈o?뭆even Segment Latch/Decoder/Driver
September, 2006 ??Rev. 8
MC14543B ONSEMI-MC14543B_14 Datasheet
125Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver for Liquid Crystals
July, 2014 ??Rev. 10
MC14543B ONSEMI-MC14543B Datasheet
201Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver for Liquid Crystals
March, 2000 ??Rev. 3
MC14513B ONSEMI-MC14513B_06 Datasheet
107Kb / 10P
   BCD?뭈o?뭆even Segment Latch/Decoder/Driver CMOS MSI (Low?뭁ower Complementary MOS)
June, 2006 ??Rev. 6
logo
Texas Instruments
CD4543B TI-CD4543B Datasheet
504Kb / 13P
[Old version datasheet]   CMOS BCD-TO-SEVEN-SEGMENT LATCH/DECODER/DRIVER FOR LIQUID-CRYSTAL DISPLAYS
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com