Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14541B Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14541B
Description  Programmable Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14541B Datasheet(HTML) 1 Page - ON Semiconductor

  MC14541B Datasheet HTML 1Page - ON Semiconductor MC14541B Datasheet HTML 2Page - ON Semiconductor MC14541B Datasheet HTML 3Page - ON Semiconductor MC14541B Datasheet HTML 4Page - ON Semiconductor MC14541B Datasheet HTML 5Page - ON Semiconductor MC14541B Datasheet HTML 6Page - ON Semiconductor MC14541B Datasheet HTML 7Page - ON Semiconductor MC14541B Datasheet HTML 8Page - ON Semiconductor MC14541B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 10
1
Publication Order Number:
MC14541B/D
MC14541B
Programmable Timer
The MC14541B programmable timer consists of a 16−stage binary
counter, an integrated oscillator for use with an external capacitor and
two resistors, an automatic power−on reset circuit, and output control
logic.
Timing is initialized by turning on power, whereupon the power−on
reset is enabled and initializes the counter, within the specified VDD
range. With the power already on, an external reset pulse can be
applied. Upon release of the initial reset command, the oscillator will
oscillate with a frequency determined by the external RC network. The
16−stage counter divides the oscillator frequency (fosc) with the nth
stage frequency being fosc/2n.
Features
Available Outputs 28, 210, 213 or 216
Increments on Positive Edge Clock Transitions
Built−in Low Power RC Oscillator (± 2% accuracy over temperature
range and ± 20% supply and ± 3% over processing at < 10 kHz)
Oscillator May Be Bypassed if External Clock Is Available
(Apply external clock to Pin 3)
External Master Reset Totally Independent of Automatic Reset
Operation
Operates as 2n Frequency Divider or Single Transition Timer
Q/Q Select Provides Output Logic Level Flexibility
Reset (auto or master) Disables Oscillator During Resetting to
Provide No Active Power Dissipation
Clock Conditioning Circuit Permits Operation with Very Slow Clock
Rise and Fall Times
Automatic Reset Initializes All Counters On Power Up
Supply Voltage Range = 3.0 Vdc to 18 Vdc with Auto Reset
Supply Voltage Range = Disabled (Pin 5 = VDD)
Supply Voltage Range = 8.5 Vdc to 18 Vdc with Auto Reset
Supply Voltage Range = Enabled (Pin 5 = VSS)
Pb−Free Packages are Available
PIN ASSIGNMENT
NC = NO CONNECTION
11
12
13
14
8
9
10
5
4
3
2
1
7
6
MODE
NC
A
B
VDD
Q
Q/Q SEL
NC
RS
Ctc
Rtc
VSS
MR
AR
http://onsemi.com
MARKING
DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1
14
PDIP−14
P SUFFIX
CASE 646
MC14541BCP
AWLYYWWG
SOIC−14
D SUFFIX
CASE 751A
TSSOP−14
DT SUFFIX
CASE 948G
1
14
14541BG
AWLYWW
14
541B
ALYWG
G
1
14
SOEIAJ−14
F SUFFIX
CASE 965
1
14
MC14541B
ALYWG
(Note: Microdot may be in either location)


Similar Part No. - MC14541B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
MC14541B ONSEMI-MC14541B Datasheet
142Kb / 9P
   Programmable Timer
July, 2014 ??Rev. 14
MC14541BCP ONSEMI-MC14541BCP Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
MC14541BD ONSEMI-MC14541BD Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
MC14541BDG ONSEMI-MC14541BDG Datasheet
142Kb / 9P
   Programmable Timer
July, 2014 ??Rev. 14
More results

Similar Description - MC14541B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com