Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CD54HC125 Datasheet(PDF) 2 Page - Texas Instruments

Part No. CD54HC125
Description  High-Speed CMOS Logic Quad Buffer, Three-State
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

CD54HC125 Datasheet(HTML) 2 Page - Texas Instruments

  CD54HC125_06 Datasheet HTML 1Page - Texas Instruments CD54HC125_06 Datasheet HTML 2Page - Texas Instruments CD54HC125_06 Datasheet HTML 3Page - Texas Instruments CD54HC125_06 Datasheet HTML 4Page - Texas Instruments CD54HC125_06 Datasheet HTML 5Page - Texas Instruments CD54HC125_06 Datasheet HTML 6Page - Texas Instruments CD54HC125_06 Datasheet HTML 7Page - Texas Instruments CD54HC125_06 Datasheet HTML 8Page - Texas Instruments CD54HC125_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Functional Diagram
Logic Diagram
TRUTH TABLE
INPUTS
OUTPUTS
nA
nOE
nY
HLH
LLL
XH
Z
H= High Voltage Level
L= Low Voltage Level
X= Don’t Care
Z= High Impedance, OFF State
1A
2OE
2A
3A
4OE
4A
1
4
5
9
13
12
3
6
1Y
3Y
4Y
GND = 7
VCC = 14
2Y
8
11
2
10
1OE
3OE
nY
P
n
nA
nOE
CD54HC125, CD74HC125, CD54HCT125, CD74HCT125


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn