Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14517BCPG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14517BCPG
Description  Dual 64?묪it Static Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14517BCPG Datasheet(HTML) 4 Page - ON Semiconductor

  MC14517BCPG Datasheet HTML 1Page - ON Semiconductor MC14517BCPG Datasheet HTML 2Page - ON Semiconductor MC14517BCPG Datasheet HTML 3Page - ON Semiconductor MC14517BCPG Datasheet HTML 4Page - ON Semiconductor MC14517BCPG Datasheet HTML 5Page - ON Semiconductor MC14517BCPG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC14517B
http://onsemi.com
4
Figure 2. Typical Output Source Current
Characteristics Test Circuit
Figure 3. Typical Output Sink Current
Characteristics Test Circuit
EXTERNAL
POWER
SUPPLY
IOH
Vout = VOH
VDD = VGS
VSS
D
C
WE
D
C
WE
Q16 Q32 Q48 Q64
Q16 Q32 Q48 Q64
(Output being tested should be in the high−logic state)
EXTERNAL
POWER
SUPPLY
IOL
Vout = VOL
VDD = VGS
VSS
D
C
WE
D
C
WE
Q16 Q32 Q48 Q64
Q16 Q32 Q48 Q64
(Output being tested should be in the low−logic state)
Figure 4. AC Test Waveforms
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
50%
12216
17
18
19
33
90%
10%
tsu
16−BIT OUTPUT 1 (15)
17−BIT INPUT
32−BIT OUTPUT 6 (10)
33−BIT INPUT
48−BIT OUTPUT 2 (14)
49−BIT INPUT
64−BIT OUTPUT 5 (11)
th1
th1
th1
th1
tWH
tWL
tTHL
tTHL
tTHL
tTHL
VOL
VOL
VOL
VOH
VOH
VOH
50%
90%
10%
20 ns
trel
tPHL
tPHL
tPHL
tPHL
tPLH
90%
10%
tTLH
tTLH
tTLH
tTLH
th0
th0
th0
th0
tsu0
tsu0
tsu0
50%
20 ns
20 ns
20 ns
VDD
VDD
VDD
tsu0
tsu1
tsu1
tsu1
tsu1
DATA IN 7 (9)
WRITE 3 (13)
CLOCK 4 (12)
PIN NO’S
90%
10%
50%
tPLH
tPLH
tPLH
EXPANDED BLOCK DIAGRAM (1/2 OF DEVICE SHOWN)
WRITE ENABLE = 0, 16−BIT OUTPUT
WRITE ENABLE = 1, 17−BIT INPUT
CLOCK
DATA
WRITE
ENABLE
32−BIT OUTPUT
33−BIT INPUT
48−BIT OUTPUT
49−BIT INPUT
64−BIT OUTPUT
HIGH IMPEDANCE
D
C
3−STATE
Q
32
D
C
WE
Q
33
D
C
3−STATE
Q
48
D
C
WE
Q
49
D
C
3−STATE
Q
64
D
C
Q
1
D
C
Q
2
D
C
3−STATE
Q
16
D
C
WE
Q
17


Similar Part No. - MC14517BCPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14517BCP ONSEMI-MC14517BCP Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
More results

Similar Description - MC14517BCPG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4517B NXP-HEF4517B_09 Datasheet
152Kb / 15P
   Dual 64-bit static shift register
Rev. 06-10 December 2009
logo
Hitachi Semiconductor
HD14517B HITACHI-HD14517B Datasheet
96Kb / 5P
   Dual 64-bit Static Shift Register
logo
NXP Semiconductors
HEF4517B PHILIPS-HEF4517B Datasheet
75Kb / 8P
   Dual 64-bit static shift register
January 1995
logo
STMicroelectronics
HCC4517B STMICROELECTRONICS-HCC4517B Datasheet
244Kb / 12P
   DUAL 64-STAGE STATIC SHIFT REGISTER
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
MC14517B ONSEMI-MC14517B_14 Datasheet
109Kb / 5P
   Dual 64-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
STMicroelectronics
HCF4517B STMICROELECTRONICS-HCF4517B_02 Datasheet
323Kb / 8P
   DUAL 64 STAGE STATIC SHIFT REGISTER
logo
Intersil Corporation
CD4517BMS INTERSIL-CD4517BMS Datasheet
116Kb / 9P
   CMOS Dual 64-Stage Static Shift Register
December 1992
logo
Texas Instruments
CD4517B TI-CD4517B Datasheet
245Kb / 6P
[Old version datasheet]   CMOS DUAL 64-STAGE STATIC SHIFT REGISTER
CD4517BF3A TI1-CD4517BF3A Datasheet
396Kb / 9P
[Old version datasheet]   CMOS Dual 64-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com