Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14521BD Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC14521BD
Description  24?뭆tage Frequency Divider
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14521BD Datasheet(HTML) 6 Page - ON Semiconductor

  MC14521BD Datasheet HTML 1Page - ON Semiconductor MC14521BD Datasheet HTML 2Page - ON Semiconductor MC14521BD Datasheet HTML 3Page - ON Semiconductor MC14521BD Datasheet HTML 4Page - ON Semiconductor MC14521BD Datasheet HTML 5Page - ON Semiconductor MC14521BD Datasheet HTML 6Page - ON Semiconductor MC14521BD Datasheet HTML 7Page - ON Semiconductor MC14521BD Datasheet HTML 8Page - ON Semiconductor MC14521BD Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC14521B
http://onsemi.com
6
Figure 5. RC Oscillator Stability
Figure 6. RC Oscillator Frequency as a
Function of RTC and C
−55
−25
0
25
50
75
100
125
8.0
4.0
0
−4.0
−8.0
−12
−16
TA, AMBIENT TEMPERATURE (°C), DEVICE ONLY
TEST CIRCUIT
FIGURE 7
VDD = 15 V
10 V
5.0 V
RTC = 56 kW,
C = 1000 pF
RS = 0, f = 10.15 kHz @ VDD = 10 V, TA = 25°C
RS = 120 kW, f = 7.8 kHz @ VDD = 10 V, TA = 25°C
{
100
50
20
10
5.0
1.0
2.0
0.1
0.2
0.5
1.0 k
10 k
100 k
1.0 m
0.0001
0.001
0.01
0.1
RTC, RESISTANCE (OHMS)
C, CAPACITANCE (mF)
VDD = 10 V
f AS A FUNCTION
OF RTC
(C = 1000 pF)
(RS ≈ 2RTC)
TEST CIRCUIT
FIGURE 7
f AS A FUNCTION
OF C
(RTC = 56 kW)
(RS = 120 k)
Figure 7. RC Oscillator Circuit
Figure 8. Functional Test Circuit
OUT 1
OUT 2
Q18
Q19
Q20
Q21
Q22
Q23
Q24
IN 1
IN 2
R
VDD VDD
VSS
VSS
VDD
RS
RTC
C
Q18
Q19
Q20
Q21
Q22
Q23
Q24
OUT 1
OUT 2
IN 1
IN 2
R
VDD
VDD
VSS VSS
PULSE
GENERATOR
FUNCTIONAL TEST SEQUENCE
A test function (see Figure 8) has been included
for the reduction of test time required to exercise all
24 counter stages. This test function divides the
counter into three 8−stage sections, and 255
counts are loaded in each of the 8−stage sections
in parallel. All flip−flops are now at a logic “1”. The
counter is now returned to the normal 24−stages in
series configuration. One more pulse is entered into
Input 2 (In 2) which will cause the counter to ripple
from an all “1” state to an all “0” state.
Inputs
Outputs
Comments
Reset
In 2
Out 2
VSS
VDD
Q18
thru
Q24
Counter is in three 8−stage sections
in parallel mode Counter is reset. In 2
and Out 2 are connected together.
1
0
0
VDD
GND
GND
VDD
0
0
1
1
First “0” to “1” transition on In 2,
Out 2 node.
0
1
0
1
255 “0” to “1” transitions are clocked
into this In 2, Out 2 node.
1
1
1
The 255th “0” to “1” transition.
0
0
0
0
1
1
1
0
1
Counter converted back to 24−stages
in series mode.
1
0
1
Out 2 converts back to an output.
0
1
0
Counter ripples from an all “1” state
to an all “0” stage.


Similar Part No. - MC14521BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14521BD ONSEMI-MC14521BD Datasheet
219Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
MC14521BDG ONSEMI-MC14521BDG Datasheet
188Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
MC14521BDR2 ONSEMI-MC14521BDR2 Datasheet
219Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
MC14521BDR2G ONSEMI-MC14521BDR2G Datasheet
188Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
More results

Similar Description - MC14521BD

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4521BP TOSHIBA-TC4521BP_07 Datasheet
396Kb / 9P
   24-Stage Frequency Divider
logo
STMicroelectronics
HCF4521B STMICROELECTRONICS-HCF4521B Datasheet
102Kb / 12P
   24 STAGE FREQUENCY DIVIDER
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
219Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
MC14521B ONSEMI-MC14521B Datasheet
188Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
Hitachi Semiconductor
HD14521B HITACHI-HD14521B Datasheet
97Kb / 6P
   24-Stage Frequency Divider
logo
Texas Instruments
CD4521BE TI-CD4521BE Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-Stage Frequency Divider
CD4521B TI-CD4521B Datasheet
282Kb / 8P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
CD4521B TI-CD4521B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
logo
NXP Semiconductors
HEF4521B NXP-HEF4521B_09 Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B_V01 Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com