Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1425 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part No. A1425
Description  High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

A1425 Datasheet(HTML) 2 Page - Allegro MicroSystems

 
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
A1425-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
A1425
Hall
Amp
Regulator
Bandpass Filter Integrated
Tracking Capacitor
VOUT
(Pin 2)
VCC
(Pin 1)
GND
(Pin 4)
0.1 uF
V
S+
Diagnostic
Circuitry
Gain
Stage
Dual Hall
Transducers
Comparator
TEST
(Pin 3)
(Required)
VREF
Functional Block Diagram
Product Selection Guide
Part Number Pb-free1
Ambient, TA
(°C)
Switchpoints
Packing2
BRP(MIN)
(G)
BOP(MAX)
(G)
A1425LK-T
Yes
–40 to 150
–11
11
Bulk, 500
pieces/bag
1
Pb-based variants are being phased out of the product line. These variants are in production
but have been determined to be NOT FOR NEW DESIGN. This classification indicates that
sale of this device is currently restricted to existing customer applications. The device should
not be purchased for new design applications because obsolescence in the near future is
probable. Samples are no longer available. Status change: May 1, 2006. This includes: A1425LK.
2
Contact Allegro for additional packing options


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ZL5006316K-Channel Digital Switch with High Jitter Tolerance Single Rate 32Mbps and 32 Inputs and 32 Output 1 2 3 4 5 MoreZarlink Semiconductor Inc
TPMIThermopile Sensor Module With Integrated Signal Processing 1 2 3 4 5 PerkinElmer Optoelectronics
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
M95040_064 Kbit 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock 1 2 3 4 5 MoreSTMicroelectronics
CS83718.0 V/1.0 A 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP 1 2 3 4 5 MoreON Semiconductor
ACS712_06Fully Integrated Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
MC100EP16VC_063.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output 1 2 3 4 5 MoreON Semiconductor
ACS713Fully Integrated Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
ATS651LSH_05Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity 1 2 3 4 5 MoreAllegro MicroSystems
CX74063-3XRF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn