Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1425 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part No. A1425
Description  High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

A1425 Datasheet(HTML) 5 Page - Allegro MicroSystems

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
A1425-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
A1425
Empirical Results
4.5
20.0
12.0
VCC (V)
4.5
20.0
12.0
VCC (V)
150
–40
25
TA (ºC)
VCC (V)
VCC (V)
0
5
10
15
20
25
Supply Current by Ambient Temperature
TA (ºC)
–50
0
50
100
150
200
Supply Current by Supply Voltage
0102030
Output Voltage by Ambient Temperature
TA (ºC)
500
450
400
350
300
250
200
150
100
50
0
–50
0
50
100
150
200
ISINK = 20 mA
Output Voltage by Supply Voltage
500
450
400
350
300
250
200
150
100
50
0
ISINK = 20 mA
7
6
5
4
3
2
1
0
4.5
26
12
VCC (V)
7
6
5
4
3
2
1
0
150
–40
25
TA (ºC)
Continued on next page.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ZL5006316K-Channel Digital Switch with High Jitter Tolerance Single Rate 32Mbps and 32 Inputs and 32 Output 1 2 3 4 5 MoreZarlink Semiconductor Inc
TPMIThermopile Sensor Module With Integrated Signal Processing 1 2 3 4 5 PerkinElmer Optoelectronics
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
M95040_064 Kbit 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock 1 2 3 4 5 MoreSTMicroelectronics
CS83718.0 V/1.0 A 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP 1 2 3 4 5 MoreON Semiconductor
ACS712_06Fully Integrated Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
MC100EP16VC_063.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output 1 2 3 4 5 MoreON Semiconductor
ACS713Fully Integrated Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
ATS651LSH_05Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity 1 2 3 4 5 MoreAllegro MicroSystems
CX74063-3XRF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn