Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1186 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1186
Description  Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1186 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A1186 Datasheet HTML 4Page - Allegro MicroSystems A1186 Datasheet HTML 5Page - Allegro MicroSystems A1186 Datasheet HTML 6Page - Allegro MicroSystems A1186 Datasheet HTML 7Page - Allegro MicroSystems A1186 Datasheet HTML 8Page - Allegro MicroSystems A1186 Datasheet HTML 9Page - Allegro MicroSystems A1186 Datasheet HTML 10Page - Allegro MicroSystems A1186 Datasheet HTML 11Page - Allegro MicroSystems A1186 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Ultrasensitive Two-Wire Field-Programmable
Chopper-Stabilized Unipolar Hall Effect Switches
A1185 and
A1186
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Application Information
For additional general application information, visit the Allegro
Web site at www. allegromicro.com.
GND
A118x
VCC
V+
0.01 uF
A
B
B
GND
ECU
Package UA Only
A
B Maximum separation 5 mm
R
SENSE
C
BYP
Figure 3. Typical application circuit
Typical Application and Programming Circuit
The A118x family of devices MUST be protected by an exter-
nal bypass capacitor, CBYP, connected between the supply pin,
VCC, and the ground pin, GND, of the device. CBYP reduces
both external noise and the noise generated by the chopper-sta-
bilization function. As shown in figure 3, a 0.01 μF capacitor
is typical. (For programming the device, a 0.1 μF capacitor is
recommended for proper fuse blowing.)
Installation of CBYP must ensure that the traces that connect
it to the A118x pins are no greater than 5 mm in length. (For
programming the device, the capacitor may be further away from
the device, including mounting on the board used for program-
ming the device.)
CBYP serves only to protect the A118x internal circuitry. All
high-frequency interferences conducted along the supply lines
are passed directly to the load through CBYP. As a result, the
load ECU (electronic control unit) must have sufficient protec-
tion, other than CBYP, installed in parallel with the A118x.
A series resistor on the supply side, RS (not shown), in combina-
tion with CBYP, creates a filter for EMI pulses.
When determining the minimum VCC requirement of the A118x
device, the voltage drops across RS and the ECU sense resistor,
RSENSE, must be taken into consideration. The typical value for
RSENSE is approximately 100 Ω. (All programming, including
code and lock-bit programming, should be done with direct
connections to VCC and GND, with the use of a 0.1uF bypass
capacitor. Programming across the series resistor or sense resis-
tor may not allow enough energy to properly blow the fuses
in the device, as required for proper programming. The result
would be incorrect switchpoints.


Similar Part No. - A1186

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1186 ALLEGRO-A1186 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1186ELHLT ALLEGRO-A1186ELHLT Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1186ELHLT-T ALLEGRO-A1186ELHLT-T Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1186EUA ALLEGRO-A1186EUA Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1186EUA-T ALLEGRO-A1186EUA-T Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results

Similar Description - A1186

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1145 ALLEGRO-A1145_06 Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145 Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1147 ALLEGRO-A1147_06 Datasheet
329Kb / 12P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1147 ALLEGRO-A1147 Datasheet
319Kb / 13P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1184 ALLEGRO-A1184_06 Datasheet
377Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1180 ALLEGRO-A1180_06 Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1183LUA-T ALLEGRO-A1183LUA-T Datasheet
356Kb / 16P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184LLHLT-T ALLEGRO-A1184LLHLT-T Datasheet
317Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A3250 ALLEGRO-A3250 Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com