Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14511BD Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC14511BD
Description  BCD?뭈o?뭆even Segment Latch/Decoder/Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14511BD Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC14511BD Datasheet HTML 2Page - ON Semiconductor MC14511BD Datasheet HTML 3Page - ON Semiconductor MC14511BD Datasheet HTML 4Page - ON Semiconductor MC14511BD Datasheet HTML 5Page - ON Semiconductor MC14511BD Datasheet HTML 6Page - ON Semiconductor MC14511BD Datasheet HTML 7Page - ON Semiconductor MC14511BD Datasheet HTML 8Page - ON Semiconductor MC14511BD Datasheet HTML 9Page - ON Semiconductor MC14511BD Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC14511B
http://onsemi.com
6
CONNECTIONS TO VARIOUS DISPLAY READOUTS
COMMON
CATHODE LED
≈ 1.7 V
VDD
VSS
VDD
COMMON
ANODE LED
VSS
≈ 1.7 V
LIGHT EMITTING DIODE (LED) READOUT
INCANDESCENT READOUT
FLUORESCENT READOUT
GAS DISCHARGE READOUT
LIQUID CRYSTAL (LCD) READOUT
VDD
VDD
**
VSS
VDD
VSS
FILAMENT
SUPPLY
DIRECT
(LOW BRIGHTNESS)
VSS OR APPROPRIATE
VOLTAGE BELOW VSS.
(CAUTION: Maximum working voltage = 18.0 V)
VDD
APPROPRIATE
VOLTAGE
VSS
VSS
VDD
EXCITATION
(SQUARE WAVE,
VSS TO VDD)
1/4 OF MC14070B
** A filament pre−warm resistor is recommended to reduce filament
thermal shock and increase the effective cold resistance of the
filament.
Direct DC drive of LCD’s not recommended for life of
LCD readouts.


Similar Part No. - MC14511BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14511BD ONSEMI-MC14511BD Datasheet
221Kb / 12P
   BCD-To-Seven Segment Latch/Decoder/Driver
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14511BD MOTOROLA-MC14511BD Datasheet
130Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
ON Semiconductor
MC14511BDG ONSEMI-MC14511BDG Datasheet
137Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Drive
July, 2014 ??Rev. 12
MC14511BDR2G ONSEMI-MC14511BDR2G Datasheet
137Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Drive
July, 2014 ??Rev. 12
MC14511BDW ONSEMI-MC14511BDW Datasheet
221Kb / 12P
   BCD-To-Seven Segment Latch/Decoder/Driver
March, 2000 ??Rev. 3
More results

Similar Description - MC14511BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14513B ONSEMI-MC14513B_06 Datasheet
107Kb / 10P
   BCD?뭈o?뭆even Segment Latch/Decoder/Driver CMOS MSI (Low?뭁ower Complementary MOS)
June, 2006 ??Rev. 6
MC14543B ONSEMI-MC14543B_06 Datasheet
112Kb / 8P
   BCD?뭪o?뭆even Segment Latch/Decoder/Driver for Liquid Crystals
June, 2006 ??Rev. 6
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
   BCD TO 7 SEGMENT LATCH/DECODER DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com