Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14175BFEL Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14175BFEL
Description  Quad Type D Flip?묯lop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14175BFEL Datasheet(HTML) 1 Page - ON Semiconductor

  MC14175BFEL Datasheet HTML 1Page - ON Semiconductor MC14175BFEL Datasheet HTML 2Page - ON Semiconductor MC14175BFEL Datasheet HTML 3Page - ON Semiconductor MC14175BFEL Datasheet HTML 4Page - ON Semiconductor MC14175BFEL Datasheet HTML 5Page - ON Semiconductor MC14175BFEL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 6
1
Publication Order Number:
MC14175B/D
MC14175B
Quad Type D Flip−Flop
The MC14175B quad type D flip−flop is constructed with MOS
P−channel and N−channel enhancement mode devices in a single
monolithic structure. Each of the four flip−flops is positive−edge
triggered by a common clock input (C). An active−low reset input (R)
asynchronously resets all flip−flops. Each flip−flop has independent
Data (D) inputs and complementary outputs (Q and Q). These devices
may be used as shift register elements or as type T flip−flops for
counter and toggle applications.
Features
Complementary Outputs
Static Operation
All Inputs and Outputs Buffered
Diode Protection on All Inputs
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Output Compatible with Two Low−Power TTL Loads or One
Low−Power Schottky TTL Load
Functional Equivalent to TTL 74175
Pb−Free Packages are Available*
MAXIMUM RATINGS (Voltages Referenced to VSS)
Parameter
Symbol
Value
Unit
DC Supply Voltage Range
VDD
− 0.5 to +18.0
V
Input or Output Voltage Range
(DC or Transient)
Vin, Vout
− 0.5 to VDD
+ 0.5
V
Input or Output Current (DC or Transient)
per Pin
Iin, Iout
±10
mA
Power Dissipation per Package (Note 1)
PD
500
mW
Ambient Temperature Range
TA
− 55 to +125
°C
Storage Temperature Range
− 65 to +150
°C
Lead Temperature (8−Second Soldering)
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Temperature Derating: Plastic “P and D/DW”
Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
MC14175BCP
PDIP−16
25 Units/Rail
MC14175BD
SOIC−16
48 Units/Rail
MC14175BDR2
SOIC−16
2500/Tape & Reel
MC14175BFEL
SOEIAJ−16
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
2000/Tape & Reel
MC14175BFELG
SOEIAJ−16
(Pb−Free)
2000/Tape & Reel
MC14175BDR2G
SOIC−16
(Pb−Free)
2500/Tape & Reel
MC14175BDG
SOIC−16
(Pb−Free)
48 Units/Rail
MC14175BCPG
PDIP−16
(Pb−Free)
25 Units/Rail
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
MARKING
DIAGRAMS
PDIP−16
P SUFFIX
CASE 648
SOIC−16
D SUFFIX
CASE 751B
1
16
14175BG
AWLYWW
SOEIAJ−16
F SUFFIX
CASE 966
1
16
MC14175B
ALYWG
16
1
MC14175BCP
AWLYYWWG
1
1
1


Similar Part No. - MC14175BFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14175BFEL ONSEMI-MC14175BFEL Datasheet
96Kb / 8P
   Quad Type D Flip-Flop
August, 2000 ??Rev. 4
MC14175BFELG ONSEMI-MC14175BFELG Datasheet
149Kb / 6P
   Quad Type D Flip-Flop
June, 2011 ??Rev. 7
MC14175BFELG ONSEMI-MC14175BFELG Datasheet
128Kb / 6P
   Quad Type D Flip-Flop
August, 2014 ??Rev. 9
More results

Similar Description - MC14175BFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_06 Datasheet
108Kb / 5P
   Hex Type D Flip?묯lop
June, 2006 ??Rev. 6
MC14013B ONSEMI-MC14013B_06 Datasheet
162Kb / 9P
   Dual Type D Flip?묯lop
October, 2006 ??Rev. 7
MC74AC273 ONSEMI-MC74AC273_05 Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
MC10H131 ONSEMI-MC10H131_06 Datasheet
153Kb / 7P
   Dual D Type Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
MC10H176 ONSEMI-MC10H176_06 Datasheet
153Kb / 7P
   Hex D Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
   Quad D-Type Flip-Flop
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B Datasheet
96Kb / 8P
   Quad Type D Flip-Flop
August, 2000 ??Rev. 4
MC14175B ONSEMI-MC14175B_14 Datasheet
128Kb / 6P
   Quad Type D Flip-Flop
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com