Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14093BDR2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14093BDR2
Description  Quad 2?묲nput NAND Schmitt Trigger
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14093BDR2 Datasheet(HTML) 5 Page - ON Semiconductor

  MC14093BDR2 Datasheet HTML 1Page - ON Semiconductor MC14093BDR2 Datasheet HTML 2Page - ON Semiconductor MC14093BDR2 Datasheet HTML 3Page - ON Semiconductor MC14093BDR2 Datasheet HTML 4Page - ON Semiconductor MC14093BDR2 Datasheet HTML 5Page - ON Semiconductor MC14093BDR2 Datasheet HTML 6Page - ON Semiconductor MC14093BDR2 Datasheet HTML 7Page - ON Semiconductor MC14093BDR2 Datasheet HTML 8Page - ON Semiconductor MC14093BDR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC14093B
http://onsemi.com
5
Figure 3. Typical Output Source
Characteristics Test Circuit
VDS, DRAIN VOLTAGE (Vdc)
−10
−8.0
−6.0
−4.0
−2.0
0
0
−2.0
−4.0
−6.0
−8.0
−10
Figure 4. Typical Output Sink
Characteristics Test Circuit
VDS, DRAIN VOLTAGE (Vdc)
0
2.0
4.0
6.0
8.0
10
10
8.0
6.0
4.0
2.0
0
14
7
VGS
Vout
IOH
All unused inputs
connected to ground.
All unused inputs
connected to ground.
14
7
Vout
IOL
VGS
VDD
0
0VDD
VT−
VT+
VH
Vin, INPUT VOLTAGE (Vdc)
Figure 5. Typical Transfer Characteristics
VGS = −5.0 Vdc
c
b
a
c
b
c
b
a
a
−15 Vdc
−10 Vdc
aTA = −55°C
bTA = +25°C
bTA = +125°C
a
b c
a
b
c
a
b
c
5.0 Vdc
aTA = −55°C
bTA = +25°C
cTA = +125°C
15 Vdc
VGS = 10 Vdc


Similar Part No. - MC14093BDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14093BDR2 ONSEMI-MC14093BDR2 Datasheet
215Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2000 ??Rev. 3
MC14093BDR2G ONSEMI-MC14093BDR2G Datasheet
141Kb / 8P
   Quad 2-Input
August, 2014 ??Rev. 10
More results

Similar Description - MC14093BDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_06 Datasheet
101Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
January, 2006 ??Rev. 4
MC74AC132 ONSEMI-MC74AC132 Datasheet
126Kb / 8P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74VHC132 ONSEMI-MC74VHC132 Datasheet
100Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
December, 2005 ??Rev. 3
logo
Leshan Radio Company
L74VHC1G132 LRC-L74VHC1G132 Datasheet
179Kb / 6P
   2?묲nput NAND Schmitt Trigger
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com