Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08RD60CFDE Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MC9S08RD60CFDE
Description  Microcontrollers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08RD60CFDE Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MC9S08RD60CFDE Datasheet HTML 57Page - Freescale Semiconductor, Inc MC9S08RD60CFDE Datasheet HTML 58Page - Freescale Semiconductor, Inc MC9S08RD60CFDE Datasheet HTML 59Page - Freescale Semiconductor, Inc MC9S08RD60CFDE Datasheet HTML 60Page - Freescale Semiconductor, Inc MC9S08RD60CFDE Datasheet HTML 61Page - Freescale Semiconductor, Inc MC9S08RD60CFDE Datasheet HTML 62Page - Freescale Semiconductor, Inc MC9S08RD60CFDE Datasheet HTML 63Page - Freescale Semiconductor, Inc MC9S08RD60CFDE Datasheet HTML 64Page - Freescale Semiconductor, Inc MC9S08RD60CFDE Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 234 page
background image
Resets, Interrupts, and System Configuration
MC9S08RC/RD/RE/RG Data Sheet, Rev. 1.11
Freescale Semiconductor
61
5.5.2.2
Edge and Level Sensitivity
The IRQMOD control bit reconfigures the detection logic so it detects edge events and pin levels. In this
edge detection mode, the IRQF status flag becomes set when an edge is detected (when the IRQ pin
changes from the deasserted to the asserted level), but the flag is continuously set (and cannot be cleared)
as long as the IRQ pin remains at the asserted level.
5.5.3
Interrupt Vectors, Sources, and Local Masks
Table 5-1 provides a summary of all interrupt sources. Higher-priority sources are located towards the
bottom of the table. The high-order byte of the address for the interrupt service routine is located at the
first address in the vector address column, and the low-order byte of the address for the interrupt service
routine is located at the next higher address.
When an interrupt condition occurs, an associated flag bit becomes set. If the associated local interrupt
enable is 1, an interrupt request is sent to the CPU. Within the CPU, if the global interrupt mask (I bit in
the CCR) is 0, the CPU will finish the current instruction; stack the PCL, PCH, X, A, and CCR CPU
registers; set the I bit; and then fetch the interrupt vector for the highest priority pending interrupt.
Processing then continues in the interrupt service routine.


Similar Part No. - MC9S08RD60CFDE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S08RD60 MOTOROLA-MC9S08RD60 Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60DWE MOTOROLA-MC9S08RD60DWE Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60FG MOTOROLA-MC9S08RD60FG Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60FJ MOTOROLA-MC9S08RD60FJ Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60PE MOTOROLA-MC9S08RD60PE Datasheet
1Mb / 232P
   Microcontrollers
More results

Similar Description - MC9S08RD60CFDE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com