Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08RD60CFDE Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MC9S08RD60CFDE
Description  Microcontrollers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08RD60CFDE Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MC9S08RD60CFDE Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9S08RD60CFDE Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S08RD60CFDE Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S08RD60CFDE Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08RD60CFDE Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08RD60CFDE Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S08RD60CFDE Datasheet HTML 26Page - Freescale Semiconductor, Inc MC9S08RD60CFDE Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S08RD60CFDE Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 234 page
background image
Pins and Connections
MC9S08RC/RD/RE/RG Data Sheet, Rev. 1.11
24
Freescale Semiconductor
2.3.4
Background/Mode Select (PTD0/BKGD/MS)
The background/mode select function is shared with an output-only port function on the PTD0/BKDG/MS
pin. While in reset, the pin functions as a mode select pin. Immediately after reset rises, the pin functions
as the background pin and can be used for background debug communication. While functioning as a
background/mode select pin, this pin has an internal pullup device enabled. To use as an output-only port,
BKGDPE in SOPT must be cleared.
If nothing is connected to this pin, the MCU will enter normal operating mode at the rising edge of reset.
If a debug system is connected to the 6-pin standard background debug header, it can hold BKGD/MS low
during the rising edge of reset, which forces the MCU to active background mode.
The BKGD pin is used primarily for background debug controller (BDC) communications using a custom
protocol that uses 16 clock cycles of the target MCU’s BDC clock per bit time. The target MCU’s BDC
clock could be as fast as the bus clock rate, so there should never be any significant capacitance connected
to the BKGD/MS pin that could interfere with background serial communications.
Although the BKGD pin is a pseudo open-drain pin, the background debug communication protocol
provides brief, actively driven, high speedup pulses to ensure fast rise times. Small capacitances from
cables and the absolute value of the internal pullup device play almost no role in determining rise and fall
times on the BKGD pin.
2.3.5
IRO Pin Description
The IRO pin is the output of the CMT. See the Carrier Modulator Timer (CMT) Module Chapter for a
detailed description of this pin function.
2.3.6
General-Purpose I/O and Peripheral Ports
The remaining pins are shared among general-purpose I/O and on-chip peripheral functions such as timers
and serial I/O systems. (Not all pins are available in all packages. See Table 2-2.) Immediately after reset,
all 37 of these pins are configured as high-impedance general-purpose inputs with internal pullup devices
disabled.
NOTE
To avoid extra current drain from floating input pins, the reset initialization
routine in the application program should either enable on-chip pullup
devices or change the direction of unused pins to outputs so the pins do not
float.
For information about controlling these pins as general-purpose I/O pins, see the Chapter 6, “Parallel
Input/Output." For information about how and when on-chip peripheral systems use these pins, refer to the
appropriate chapter from Table 2-1.


Similar Part No. - MC9S08RD60CFDE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S08RD60 MOTOROLA-MC9S08RD60 Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60DWE MOTOROLA-MC9S08RD60DWE Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60FG MOTOROLA-MC9S08RD60FG Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60FJ MOTOROLA-MC9S08RD60FJ Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60PE MOTOROLA-MC9S08RD60PE Datasheet
1Mb / 232P
   Microcontrollers
More results

Similar Description - MC9S08RD60CFDE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com