Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14066BDG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14066BDG
Description  Quad Analog Switch/Quad Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14066BDG Datasheet(HTML) 4 Page - ON Semiconductor

  MC14066BDG Datasheet HTML 1Page - ON Semiconductor MC14066BDG Datasheet HTML 2Page - ON Semiconductor MC14066BDG Datasheet HTML 3Page - ON Semiconductor MC14066BDG Datasheet HTML 4Page - ON Semiconductor MC14066BDG Datasheet HTML 5Page - ON Semiconductor MC14066BDG Datasheet HTML 6Page - ON Semiconductor MC14066BDG Datasheet HTML 7Page - ON Semiconductor MC14066BDG Datasheet HTML 8Page - ON Semiconductor MC14066BDG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC14066B
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Note 4) (CL = 50 pF, TA = 25_C unless otherwise noted.)
Characteristic
Symbol
VDD
Vdc
Min
Typ (5)
Max
Unit
Propagation Delay Times
VSS = 0 Vdc
Input to Output (RL = 10 kW)
tPLH, tPHL = (0.17 ns/pF) CL + 15.5 ns
tPLH, tPHL = (0.08 ns/pF) CL + 6.0 ns
tPLH, tPHL = (0.06 ns/pF) CL + 4.0 ns
tPLH, tPHL
5.0
10
15
20
10
7.0
40
20
15
ns
Control to Output (RL = 1 kW) (Figure 2)
Output “1” to High Impedance
tPHZ
5.0
10
15
40
35
30
80
70
60
ns
Output “0” to High Impedance
tPLZ
5.0
10
15
40
35
30
80
70
60
ns
High Impedance to Output “1”
tPZH
5.0
10
15
60
20
15
120
40
30
ns
High Impedance to Output “0”
tPZL
5.0
10
15
60
20
15
120
40
30
ns
Second Harmonic Distortion
VSS = – 5 Vdc
(Vin = 1.77 Vdc, RMS Centered @ 0.0 Vdc,
RL = 10 kW, f = 1.0 kHz)
5.0
0.1
%
Bandwidth (Switch ON) (Figure 3)
VSS = – 5 Vdc
(RL = 1 kW, 20 Log (Vout/Vin) = − 3 dB, CL = 50 pF,
Vin = 5 Vp−p)
5.0
65
MHz
Feedthrough Attenuation (Switch OFF)
VSS = – 5 Vdc
(Vin = 5 Vp−p, RL = 1 kW, fin = 1.0 MHz) (Figure 3)
5.0
– 50
dB
Channel Separation (Figure 4)
VSS = – 5 Vdc
(Vin = 5 Vp−p, RL = 1 kW, fin = 8.0 MHz)
(Switch A ON, Switch B OFF)
5.0
– 50
dB
Crosstalk, Control Input to Signal Output (Figure 5)
VSS = – 5 Vdc
(R1 = 1 kW, RL = 10 kW, Control tTLH = tTHL = 20 ns)
5.0
300
mVp−p
4. The formulas given are for the typical characteristics only at 25_C.
5. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Similar Part No. - MC14066BDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14066BDG ONSEMI-MC14066BDG Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
More results

Similar Description - MC14066BDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com