Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BY8400 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. BY8400
Description  Fast high-voltage soft-recovery rectifiers
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BY8400 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
1996 May 24
5
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery rectifiers
BY8400 series
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 100 mA; Tj =Tj max;
see Figs 12 to 21
BY8404
−−
20
V
BY8406
−−
25
V
BY8408
−−
35
V
BY8410
−−
42
V
BY8412
−−
52
V
BY8414
−−
60
V
BY8416
−−
70
V
BY8418
−−
77
V
BY8420
−−
88
V
BY8424
−−
98
V
IR
reverse current
VR =VRWmax; Tj = 120 °C
−−
3
µA
Qr
recovery charge
when switched from IF = 100 mA to
VR ≥ 100 V and dIF/dt = −200 mA/µs;
see Fig.22
−−
1nC
tf
fall time
when switched from IF = 100 mA to
VR ≥ 100 V and dIF/dt = −200 mA/µs;
see Fig.22
100
−−
ns
trr
reverse recovery time
when switched from IF = 2 mA to
IR = 4 mA; measured at IR = 1 mA;
see Fig.23
−−
100
ns
Cd
diode capacitance
VR =0V; f=1MHz
BY8404
1.20
pF
BY8406
0.80
pF
BY8408
0.60
pF
BY8410
0.50
pF
BY8412
0.40
pF
BY8414
0.35
pF
BY8416
0.30
pF
BY8418
0.28
pF
BY8420
0.28
pF
BY8424
0.28
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn