Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14027BFELG Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC14027BFELG
Description  Dual J?묷 Flip?묯lop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14027BFELG Datasheet(HTML) 6 Page - ON Semiconductor

  MC14027BFELG Datasheet HTML 1Page - ON Semiconductor MC14027BFELG Datasheet HTML 2Page - ON Semiconductor MC14027BFELG Datasheet HTML 3Page - ON Semiconductor MC14027BFELG Datasheet HTML 4Page - ON Semiconductor MC14027BFELG Datasheet HTML 5Page - ON Semiconductor MC14027BFELG Datasheet HTML 6Page - ON Semiconductor MC14027BFELG Datasheet HTML 7Page - ON Semiconductor MC14027BFELG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC14027B
http://onsemi.com
6
Figure 1. Dynamic Signal Waveforms
(J, K, Clock, and Output)
Figure 2. Dynamic Signal Waveforms
(Set, Reset, Clock, and Output)
20 ns
20 ns
VDD
VSS
VDD
VSS
VDD
VSS
VOH
VOL
90%
50%
10%
20 ns
20 ns
tsu
90%
50%
10%
tsu
th
20 ns
20 ns
90%
50%
10%
tWL
tWH
1
fcl
tPLH
tPHL
90%
50%
10%
tTLH
tTHL
Q
C
K
J
Inputs R and S low.
For the measurement of tWH, I/fcl, and PD
the Inputs J and K are kept high.
20 ns
20 ns
90%
50%
10%
VDD
VSS
VDD
VSS
VOH
VOL
trem
tw
20 ns
20 ns
90%
50%
10%
tw
tPLH
tPHL
50%
Q or Q
CLOCK
SET OR
RESET
LOGIC DIAGRAM
(1/2 of Device Shown)
S
J
K
R
CC
C
C
C
C
C
C
C
C
C
Q
Q


Similar Part No. - MC14027BFELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14027BFEL ONSEMI-MC14027BFEL Datasheet
183Kb / 8P
   Dual J-K Flip-Flop
March, 2000 ??Rev. 3
More results

Similar Description - MC14027BFELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H135 ONSEMI-MC10H135_06 Datasheet
154Kb / 7P
   Dual J?묷 Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 8
MC14013B ONSEMI-MC14013B_06 Datasheet
162Kb / 9P
   Dual Type D Flip?묯lop
October, 2006 ??Rev. 7
MC74AC273 ONSEMI-MC74AC273_05 Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
MC74AC109 ONSEMI-MC74AC109 Datasheet
233Kb / 9P
   Dual JK Positive Edge?뭈riggered Flip?묯lop
June, 2006 ??Rev. 6
MC10H131 ONSEMI-MC10H131_06 Datasheet
153Kb / 7P
   Dual D Type Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
MC14175B ONSEMI-MC14175B_06 Datasheet
123Kb / 6P
   Quad Type D Flip?묯lop
June, 2006 ??Rev. 6
MC14027B ONSEMI-MC14027B Datasheet
183Kb / 8P
   Dual J-K Flip-Flop
March, 2000 ??Rev. 3
logo
Pyramid Semiconductor C...
ML688T PYRAMID-ML688T Datasheet
2Mb / 3P
   Dual J-K Flip-Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_06 Datasheet
108Kb / 5P
   Hex Type D Flip?묯lop
June, 2006 ??Rev. 6
logo
Motorola, Inc
MC14027B MOTOROLA-MC14027B Datasheet
213Kb / 6P
   Dual J-K Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com