Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BY8200 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. BY8200
Description  Ultra fast high-voltage soft-recovery controlled avalanche rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BY8200 Datasheet(HTML) 2 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1998 Jul 16
2
Philips Semiconductors
Product specification
Ultra fast high-voltage soft-recovery
controlled avalanche rectifiers
BY8200 series
FEATURES
• Plastic package
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• 40% overvoltage allowed during
5 sec
• Guaranteed avalanche energy
absorption capability
• Very low reverse recovery time
• Soft-recovery switching
characteristics
• Compact construction.
APPLICATIONS
• For colour television and monitors
up to 90 kHz (indication)
• High-voltage applications for:
– multipliers
– diode-split-transformers
(FBT’s).
DESCRIPTION
Plastic package, using glass
passivation and a high temperature
alloyed construction.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
The package should be used in an
insulating medium such as resin, oil
or SF6 gas.
MARKING
Cathode band colour codes
TYPE NUMBER
PACKAGE CODE
INNER BAND
OUTER BAND
BY8206
SOD118A
green
green
BY8208
SOD118A
red
green
BY8210
SOD118B
violet
green
BY8212
SOD118B
orange
green
Fig.1 Simplified outline (SOD118A/B) and symbol.
handbook, halfpage




ka
MAM402
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM1
repetitive peak reverse voltage
BY8206
6kV
BY8208
8kV
BY8210
10
kV
BY8212
12
kV
VRRM2
repetitive peak reverse voltage
max. 5 seconds
BY8206
8.4
kV
BY8208
11.2
kV
BY8210
14.0
kV
BY8212
16.8
kV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn