Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY8006 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BY8006
Description  Fast high-voltage soft-recovery controlled avalanche rectifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY8006 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BY8006 Datasheet HTML 2Page - NXP Semiconductors BY8006 Datasheet HTML 3Page - NXP Semiconductors BY8006 Datasheet HTML 4Page - NXP Semiconductors BY8006 Datasheet HTML 5Page - NXP Semiconductors BY8006 Datasheet HTML 6Page - NXP Semiconductors BY8006 Datasheet HTML 7Page - NXP Semiconductors BY8006 Datasheet HTML 8Page - NXP Semiconductors BY8006 Datasheet HTML 9Page - NXP Semiconductors BY8006 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
1996 May 24
10
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery
controlled avalanche rectifiers
BY8000 series
PACKAGE OUTLINE
SOD61 package specification
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
TYPE
NUMBER
PACKAGE
CODE
Lmin
(mm)
Gmax
(mm)
BY8004
SOD61AC
30.4
8.3
BY8006
SOD61AD
30.2
8.7
BY8008
SOD61AE
30.0
9.1
BY8010
SOD61AF
29.8
9.5
BY8012
SOD61AH
29.3
10.5
BY8014
SOD61AI
28.8
11.5
BY8016
SOD61AJ
28.3
12.5
Data Sheet Status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.
Fig.19 SOD61.
Dimensions in mm.
handbook, full pagewidth
2.5
max
0.6
MBC899 - 1
L
G
5 max
3
max
L
ka


Similar Part No. - BY8006

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BY8006 EIC-BY8006 Datasheet
69Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODE
More results

Similar Description - BY8006

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY9300 PHILIPS-BY9300 Datasheet
96Kb / 12P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY9400 PHILIPS-BY9400 Datasheet
67Kb / 8P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY8100 PHILIPS-BY8100 Datasheet
54Kb / 10P
   Very fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
BY8200 PHILIPS-BY8200 Datasheet
87Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifiers
1998 Jul 16
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com