Electronic Components Datasheet Search |
|
BY8004 Datasheet(PDF) 10 Page - NXP Semiconductors |
|
BY8004 Datasheet(HTML) 10 Page - NXP Semiconductors |
10 / 10 page 1996 May 24 10 Philips Semiconductors Product specification Fast high-voltage soft-recovery controlled avalanche rectifiers BY8000 series PACKAGE OUTLINE SOD61 package specification DEFINITIONS LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. TYPE NUMBER PACKAGE CODE Lmin (mm) Gmax (mm) BY8004 SOD61AC 30.4 8.3 BY8006 SOD61AD 30.2 8.7 BY8008 SOD61AE 30.0 9.1 BY8010 SOD61AF 29.8 9.5 BY8012 SOD61AH 29.3 10.5 BY8014 SOD61AI 28.8 11.5 BY8016 SOD61AJ 28.3 12.5 Data Sheet Status Objective specification This data sheet contains target or goal specifications for product development. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later. Product specification This data sheet contains final product specifications. Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. Fig.19 SOD61. Dimensions in mm. handbook, full pagewidth 2.5 max 0.6 MBC899 - 1 L G 5 max 3 max L ka |
Similar Part No. - BY8004 |
|
Similar Description - BY8004 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |