Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08RD60CFGE Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MC9S08RD60CFGE
Description  Microcontrollers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08RD60CFGE Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MC9S08RD60CFGE Datasheet HTML 70Page - Freescale Semiconductor, Inc MC9S08RD60CFGE Datasheet HTML 71Page - Freescale Semiconductor, Inc MC9S08RD60CFGE Datasheet HTML 72Page - Freescale Semiconductor, Inc MC9S08RD60CFGE Datasheet HTML 73Page - Freescale Semiconductor, Inc MC9S08RD60CFGE Datasheet HTML 74Page - Freescale Semiconductor, Inc MC9S08RD60CFGE Datasheet HTML 75Page - Freescale Semiconductor, Inc MC9S08RD60CFGE Datasheet HTML 76Page - Freescale Semiconductor, Inc MC9S08RD60CFGE Datasheet HTML 77Page - Freescale Semiconductor, Inc MC9S08RD60CFGE Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 234 page
background image
Parallel Input/Output
MC9S08RC/RD/RE/RG Data Sheet, Rev. 1.11
74
Freescale Semiconductor
6.3
Pin Descriptions
The MC9S08RC/RD/RE/RG has a total of 39 parallel I/O pins distributed between four 8-bit ports and one
7-bit port. Not all pins are bonded out in all packages. Consult the pin assignment in Chapter 2, “Pins and
Connections,” for available parallel I/O pins. All of these pins are available for general-purpose I/O when
they are not used by other on-chip peripheral systems.
The following paragraphs discuss each port and the software controls that determine each pin’s use.
6.3.1
Port A
Figure 6-1. Port A Pin Names
Port A is an 8-bit general-purpose I/O port shared with the KBI1 keyboard interrupt inputs. Bit 0 of port
A is an input-only pin.
Port A pins are available as general-purpose I/O pins controlled by the port A data (PTAD), data direction
(PTADD), and pullup enable (PTAPE) registers. Refer to Section 6.4, “Parallel I/O Controls,” for more
information about general-purpose I/O control.
Any of the port A pins can be configured as a KBI1 keyboard interrupt pin. Refer to the Keyboard Interrupt
(KBI) Module chapter for more information about using port A pins as keyboard interrupt pins.
6.3.2
Port B
Figure 6-2. Port B Pin Names
Port B is an 8-bit general-purpose I/O port with two pins shared with the SCI and one pin shared with the
TPM. The port B output drivers are capable of high current drive.
Port B pins are available as general-purpose I/O pins controlled by the port B data (PTBD), data direction
(PTBDD), and pullup enable (PTBPE) registers. Refer to Section 6.4, “Parallel I/O Controls,” for more
information about general-purpose I/O control.
When the SCI module is enabled, PTB0 and PTB1 function as the transmit (TxD1) and receive (RxD1)
pins of the SCI. Refer to the Serial Communications Interface (SCI) Module chapter for more information
about using PTB0 and PTB1 as SCI pins.
The TPM can be configured to use PTB7 as either an input capture, output compare, or PWM pin. Refer
to the Timer/PWM Module (TPM) Module chapter for more information about using PTB7 as a timer pin.
Port A
Bit 7
654321
Bit 0
MCU Pin:
PTA7/
KBI1P7
PTA6/
KBI1P6
PTA5/
KBI1P5
PTA4/
KBI1P4
PTA3/
KBI1P3
PTA2/
KBI1P2
PTA1/
KBI1P1
PTA0/
KBI1P0
Port B
Bit 7
654321
Bit 0
MCU Pin:
PTB7/
TPM1CH1
PTB6
PTB5
PTB4
PTB3
PTB2
PTB1/
RxD1
PTB0/
TxD1


Similar Part No. - MC9S08RD60CFGE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S08RD60 MOTOROLA-MC9S08RD60 Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60DWE MOTOROLA-MC9S08RD60DWE Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60FG MOTOROLA-MC9S08RD60FG Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60FJ MOTOROLA-MC9S08RD60FJ Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60PE MOTOROLA-MC9S08RD60PE Datasheet
1Mb / 232P
   Microcontrollers
More results

Similar Description - MC9S08RD60CFGE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com