Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08RD60CFGE Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MC9S08RD60CFGE
Description  Microcontrollers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08RD60CFGE Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MC9S08RD60CFGE Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9S08RD60CFGE Datasheet HTML 29Page - Freescale Semiconductor, Inc MC9S08RD60CFGE Datasheet HTML 30Page - Freescale Semiconductor, Inc MC9S08RD60CFGE Datasheet HTML 31Page - Freescale Semiconductor, Inc MC9S08RD60CFGE Datasheet HTML 32Page - Freescale Semiconductor, Inc MC9S08RD60CFGE Datasheet HTML 33Page - Freescale Semiconductor, Inc MC9S08RD60CFGE Datasheet HTML 34Page - Freescale Semiconductor, Inc MC9S08RD60CFGE Datasheet HTML 35Page - Freescale Semiconductor, Inc MC9S08RD60CFGE Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 234 page
background image
Modes of Operation
MC9S08RC/RD/RE/RG Data Sheet, Rev. 1.11
32
Freescale Semiconductor
into stop2, the states of the I/O pins are latched. The states are held while in stop2 mode and after exiting
stop2 mode until a 1 is written to PPDACK in SPMSC2.
Exit from stop2 is done by asserting any of the wakeup pins: RESET, IRQ, or KBI1 that have been enabled,
or through the real-time interrupt. IRQ and KBI1 pins are always active-low when used as wakeup pins in
stop2 regardless of how they were configured before entering stop2. (KBI2 will not wake the MCU from
stop2.)
Upon wakeup from stop2 mode, the MCU will start up as from a power-on reset (POR) except pin states
remain latched. The CPU will take the reset vector. The system and all peripherals will be in their default
reset states and must be initialized.
After waking up from stop2, the PPDF bit in SPMSC2 is set. This flag may be used to direct user code to
go to a stop2 recovery routine. PPDF remains set and the I/O pin states remain latched until a 1 is written
to PPDACK in SPMSC2.
For pins that were configured as general-purpose I/O, the user must copy the contents of the I/O port
registers, which have been saved in RAM, back to the port registers before writing to the PPDACK bit. If
the port registers are not restored from RAM before writing to PPDACK, then the register bits will be in
their reset states when the I/O pin latches are opened and the I/O pins will switch to their reset states.
For pins that were configured as peripheral I/O, the user must reconfigure the peripheral module that
interfaces to the pin before writing to the PPDACK bit. If the peripheral module is not enabled before
writing to PPDACK, the pins will be controlled by their associated port control registers when the I/O
latches are opened.
3.6.3
Stop3 Mode
Upon entering stop3 mode, all of the clocks in the MCU, including the oscillator itself, are halted. The
OSC is turned off, the ACMP is disabled, and the voltage regulator is put in standby. The states of all of
the internal registers and logic, as well as the RAM content, are maintained. The I/O pin states are not
latched at the pin as in stop2. Instead they are maintained by virtue of the states of the internal logic driving
the pins being maintained.
Exit from stop3 is done by asserting RESET, any asynchronous interrupt pin that has been enabled, or
through the real-time interrupt. The asynchronous interrupt pins are the IRQ or KBI1 and KBI2 pins.
If stop3 is exited by means of the RESET pin, then the MCU will be reset and operation will resume after
taking the reset vector. Exit by means of an asynchronous interrupt or the real-time interrupt will result in
the MCU taking the appropriate interrupt vector.
A separate self-clocked source (
≈1 kHz) for the real-time interrupt allows a wakeup from stop2 or stop3
mode with no external components. When RTIS2:RTIS1:RTIS0 = 0:0:0, the real-time interrupt function
and this 1-kHz source are disabled. Power consumption is lower when the 1-kHz source is disabled, but in
that case the real-time interrupt cannot wake the MCU from stop.


Similar Part No. - MC9S08RD60CFGE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S08RD60 MOTOROLA-MC9S08RD60 Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60DWE MOTOROLA-MC9S08RD60DWE Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60FG MOTOROLA-MC9S08RD60FG Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60FJ MOTOROLA-MC9S08RD60FJ Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60PE MOTOROLA-MC9S08RD60PE Datasheet
1Mb / 232P
   Microcontrollers
More results

Similar Description - MC9S08RD60CFGE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com