Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14007UBDR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14007UBDR2G
Description  Dual Complementary Pair Plus Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14007UBDR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC14007UBDR2G Datasheet HTML 1Page - ON Semiconductor MC14007UBDR2G Datasheet HTML 2Page - ON Semiconductor MC14007UBDR2G Datasheet HTML 3Page - ON Semiconductor MC14007UBDR2G Datasheet HTML 4Page - ON Semiconductor MC14007UBDR2G Datasheet HTML 5Page - ON Semiconductor MC14007UBDR2G Datasheet HTML 6Page - ON Semiconductor MC14007UBDR2G Datasheet HTML 7Page - ON Semiconductor MC14007UBDR2G Datasheet HTML 8Page - ON Semiconductor MC14007UBDR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 8
1
Publication Order Number:
MC14007UB/D
MC14007UB
Dual Complementary Pair
Plus Inverter
The MC14007UB multipurpose device consists of three N−Channel
and three P−Channel enhancement mode devices packaged to provide
access to each device. These versatile parts are useful in inverter
circuits, pulse−shapers, linear amplifiers, high input impedance
amplifiers, threshold detectors, transmission gating, and functional
gating.
Features
Diode Protection on All Inputs
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving Two Low−power TTL Loads or One Low−power
Schottky TTL Load Over the Rated Temperature Range
Pin−for−Pin Replacement for CD4007A or CD4007UB
This device has 2 outputs without ESD Protection. Antistatic
precautions must be taken.
Pb−Free Packages are Available
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
−0.5 to +18.0
V
Vin, Vout Input or Output Voltage Range
(DC or Transient)
−0.5 to VDD +0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
± 10
mA
PD
Power Dissipation, per Package
(Note 1)
500
mW
TA
Ambient Temperature Range
−55 to +125
°C
Tstg
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature
(8 second Soldering)
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/°C from 65°C 5o 125°C.
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
11
12
13
14
8
9
10
5
4
3
2
1
7
6
GATEC
S−PC
OUTC
D−PA
VDD
D−NA
S−NC
S−NB
GATEB
S−PB
D−PB
VSS
GATEA
D−NB
PIN ASSIGNMENT
D = DRAIN
S = SOURCE
MARKING
DIAGRAMS
1
14
PDIP−14
P SUFFIX
CASE 646
MC14007UBCP
AWLYYWWG
SOIC−14
D SUFFIX
CASE 751A
1
14
14007UG
AWLYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G= Pb−Free Indicator
SOEIAJ−14
F SUFFIX
CASE 965
1
14
MC14007UB
ALYWG
http://onsemi.com


Similar Part No. - MC14007UBDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14007UBDR2G ONSEMI-MC14007UBDR2G Datasheet
121Kb / 7P
   Dual Complementary Pair Plus Inverter
July, 2014 ??Rev. 11
More results

Similar Description - MC14007UBDR2G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4007UBF3A TI-CD4007UBF3A Datasheet
238Kb / 5P
[Old version datasheet]   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Fairchild Semiconductor
CD4007C FAIRCHILD-CD4007C Datasheet
49Kb / 5P
   Dual Complementary Pair Plus Inverter
logo
National Semiconductor ...
CD4007M NSC-CD4007M Datasheet
100Kb / 4P
   Dual Complementary Pair Plus Inverter
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB Datasheet
240Kb / 8P
   Dual Complementary Pair Plus Inverter
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14007UB HITACHI-HD14007UB Datasheet
76Kb / 5P
   Dual Complementary Pair plus Inverter
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_14 Datasheet
121Kb / 7P
   Dual Complementary Pair Plus Inverter
July, 2014 ??Rev. 11
logo
STMicroelectronics
HCF4007UB STMICROELECTRONICS-HCF4007UB Datasheet
124Kb / 9P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Micro Electronics
MMC4007 MICRO-ELECTRONICS-MMC4007 Datasheet
106Kb / 4P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
STMicroelectronics
HCC4007UB STMICROELECTRONICS-HCC4007UB Datasheet
309Kb / 14P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Intersil Corporation
CD4007UBMS INTERSIL-CD4007UBMS Datasheet
104Kb / 9P
   CMOS Dual Complementary Pair Plus Inverter
November 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com