Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC14001UB Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC14001UB
Description  UB−Suffix Series CMOS Gates
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC14001UB Datasheet(HTML) 5 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC14001UB, MC14011UB
http://onsemi.com
5
MC14001UB CIRCUIT SCHEMATIC
14
10
3
VDD
6
5
2
1
VSS
47
11
12
13
9
8
MC14011UB CIRCUIT SCHEMATIC
(1/4 of Device Shown)
2, 5, 9, 12
1, 6, 8, 13
7 VSS
14 VDD
3, 4, 10, 11
Figure 2. Typical Voltage and
Current Transfer Characteristics
Figure 3. Typical Voltage Transfer
Characteristics versus Temperature
Figure 4. Typical Output Source Characteristics
Figure 5. Typical Output Sink Characteristics
16
14
12
10
8.0
6.0
4.0
2.0
0
0 2.0 4.0 6.0 8.0 10 12 14 16
8.0
6.0
4.0
2.0
0
Vin, INPUT VOLTAGE (Vdc)
16
14
12
10
8.0
6.0
4.0
2.0
0
0 2.0 4.0 6.0 8.0 10 12 14 16
Vin, INPUT VOLTAGE (Vdc)
−8.0
−6.0
−4.0
−2.0
0
−10
−10
−8.0
−6.0
−4.0
−2.0
0
VDS, DRAIN VOLTAGE (Vdc)
2.0
4.0
6.0
8.0
10
0
0
VDS, DRAIN VOLTAGE (Vdc)
2.0
4.0
6.0
8.0
10
TA = −55°C
TA = +25°C
TA = +125°C
a
b
c
VGS = −5.0 Vdc
b
c
a
c
b
c
b
a
a
−10 Vdc
−15 Vdc
a
b
c
a
b
c
a
b
c
5.0 Vdc
VGS = 10 Vdc
15 Vdc
TA = −55°C
TA = +25°C
TA = +125°C
a
b
c
VDD = 15 Vdc
TA = +125°C
TA = −55°C
a
b
a
b
TA = +25°C
Unused input
connected to
VSS.
One input only
Both inputs
10 Vdc
5.0 Vdc
b
a
b a
b
a
15 Vdc
10 Vdc
Unused input
connected to
VSS.
VDD = 15 Vdc
b
a
a
b
a b
5.0 Vdc
10 Vdc


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC14001B_06B−Suffix Series CMOS Gates 1 2 3 4 5 MoreON Semiconductor
HD404202CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series 1 2 3 4 5 MoreHitachi Semiconductor
PIC16LV5XEPROM-Based 8-Bit CMOS Microcontroller Series 1 2 3 4 5 MoreMicrochip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn