Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BY8000 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. BY8000
Description  Fast high-voltage soft-recovery controlled avalanche rectifiers
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BY8000 Datasheet(HTML) 2 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1996 May 24
2
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery
controlled avalanche rectifiers
BY8000 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability
• Soft-recovery switching
characteristics
• Compact construction.
APPLICATIONS
• For colour television and monitors
up to 25 kHz
• High-voltage applications for:
– Multipliers
– Layer-wound diode-split-
transformers where controlled
avalanche is required.
DESCRIPTION
Rugged glass package, using a high
temperature alloyed construction.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
The package is designed to be used
in an insulating medium such as
resin, oil or SF6 gas.
Fig.1 Simplified outline (SOD61) and symbol.
handbook, halfpage
MAM163
k
a
MARKING
Cathode band colour codes
TYPE NUMBER
PACKAGE CODE
INNER BAND
OUTER BAND
BY8004
SOD61AC
violet
black
BY8006
SOD61AD
violet
green
BY8008
SOD61AE
violet
red
BY8010
SOD61AF
violet
violet
BY8012
SOD61AH
violet
orange
BY8014
SOD61AI
violet
lilac
BY8016
SOD61AJ
violet
grey


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn