Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BY8000 Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. BY8000
Description  Fast high-voltage soft-recovery controlled avalanche rectifiers
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BY8000 Datasheet(HTML) 7 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1996 May 24
7
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery
controlled avalanche rectifiers
BY8000 series
Fig.10 Forward current as a function of maximum
forward voltage.
BY8006.
Dotted line: Tj = 120 °C.
Solid line: Tj =25 °C.
handbook, halfpage
050
200
0
40
MBD302
80
120
160
10
20
30
40
V
(V)
F
I F
(mA)
60
Fig.11 Forward current as a function of maximum
forward voltage.
BY8008.
Dotted line: Tj = 120 °C.
Solid line: Tj =25 °C.
handbook, halfpage
0
100
200
0
40
MBD304
80
120
160
20
40
60
80
V
(V)
F
I F
(mA)
BY8010.
Dotted line: Tj = 120 °C.
Solid line: Tj =25 °C.
Fig.12 Forward current as a function of maximum
forward voltage.
handbook, halfpage
0
100
200
0
40
MBD306
80
120
160
20
40
60
80
V
(V)
F
I F
(mA)
120
BY8012.
Dotted line: Tj = 120 °C.
Solid line: Tj =25 °C.
Fig.13 Forward current as a function of
maximum forward voltage.
handbook, halfpage
0
100
200
0
40
MBD308
80
120
160
20
40
60
80
V
(V)
F
I F
(mA)
120


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn