Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN66120B Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SN66120B
Description  4-Channel Speech Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN66120B Datasheet(HTML) 6 Page - SONiX Technology Company

Back Button SN66120B Datasheet HTML 2Page - SONiX Technology Company SN66120B Datasheet HTML 3Page - SONiX Technology Company SN66120B Datasheet HTML 4Page - SONiX Technology Company SN66120B Datasheet HTML 5Page - SONiX Technology Company SN66120B Datasheet HTML 6Page - SONiX Technology Company SN66120B Datasheet HTML 7Page - SONiX Technology Company SN66120B Datasheet HTML 8Page - SONiX Technology Company SN66120B Datasheet HTML 9Page - SONiX Technology Company SN66120B Datasheet HTML 10Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN66120B
4-Channel Speech Controller
5.8. IR Function
P33 can be modulated with 42KHz square wave before sent out to P33 pin. The
IR signal can be achieved by this modulated signal.
Mode
42KHZ
P33
PAD
"1"
5.9. 2 8-bit DAC
Two 8-bit current type digital-to-analog converters are built-in SN66120B. The
relationship between input digital data and output analog current signal is listed
in the following table. Also, the recommended application circuit is illustrated as
follows.
Input data
Typical value of output current (mA)
0
0
1
3/255
N
n*(3/255)
255
3
VO2
VO1
VC
C
1K
VC
C
1K
Two Speaker Application
VO2
VO1
VC
C
1K
One Speaker Application
Ver: 1.1
December 6, 2004
6


Similar Part No. - SN66120B

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN66120 SONIX-SN66120 Datasheet
137Kb / 5P
   4-Channel Speech Controller
More results

Similar Description - SN66120B

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN66012 SONIX-SN66012 Datasheet
132Kb / 5P
   4-Channel Speech Controller
SN66021 SONIX-SN66021 Datasheet
130Kb / 5P
   4-Channel Speech Controller
SN56340 SONIX-SN56340 Datasheet
378Kb / 11P
   4-Channel Speech Controller
SN66020B SONIX-SN66020B Datasheet
303Kb / 11P
   4-Channel Speech Controller
SNC678 SONIX-SNC678_05 Datasheet
421Kb / 14P
   4-Channel Speech Controller
SN66120 SONIX-SN66120 Datasheet
137Kb / 5P
   4-Channel Speech Controller
SNC678 SONIX-SNC678 Datasheet
429Kb / 14P
   4-Channel Speech Controller?
SN66168 SONIX-SN66168 Datasheet
137Kb / 5P
   4-Channel Speech Controller
SN66268 SONIX-SN66268 Datasheet
98Kb / 4P
   4-Channel Speech Controller
SN56030 SONIX-SN56030 Datasheet
378Kb / 11P
   4-Channel Speech Controller
SNC688 SONIX-SNC688_05 Datasheet
421Kb / 14P
   4-Channel Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com