Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BY715 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. BY715
Description  Very fast high-voltage soft-recovery rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BY715 Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2001 Sep 24
6
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
BY715 to BY724
GRAPHICAL DATA
handbook, halfpage
20
0
100
200
Tamb (°C)
IF(AV)
(mA)
0
4
8
12
16
MBL356
a = 1.57
a = 3
a = 5
Fig.2
Maximum permissible average forward
current as a function of ambient temperature.
BY715 and BY716
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.
handbook, halfpage
5
0
100
200
Tamb (°C)
IF(AV)
(mA)
0
1
2
3
4
MBL357
Fig.3
Maximum permissible average forward
current as a function of ambient temperature.
BY717 to BY719
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.
handbook, halfpage
5
0
100
200
Tamb (°C)
IF(AV)
(mA)
0
1
2
3
4
MBL358
Fig.4
Maximum permissible average forward
current as a function of ambient temperature.
BY720 and BY721
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.
handbook, halfpage
5
0
100
200
Tamb (°C)
IF(AV)
(mA)
0
1
2
3
4
MBL359
Fig.5
Maximum permissible average forward
current as a function of ambient temperature.
BY722 to BY724
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn