Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10231 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MC10231
Description  High Speed Dual Type D Master-Slave Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC10231 Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10231
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
72
52
65
72
mAdc
Input Current
IinH
4
5
6
7
9
650
650
350
350
460
410
410
220
220
290
410
410
220
220
290
µAdc
IinL
4, 5*
6, 7, 9*
0.5
0.5
µAdc
Output Voltage
Logic 1
VOH
2
2
[
–1.060
–1.060
–0.890
–0.890
–0.960
–0.960
–0.810
–0.810
–0.890
–0.890
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
3
3
[
–1.890
–1.890
–1.675
–1.675
–1.850
–1.850
–1.650
–1.650
–1.825
–1.825
–1.615
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
2
2
[
–1.080
–1.080
–0.980
–0.980
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
3
3
[
–1.655
–1.655
–1.630
–1.630
–1.595
–1.595
Vdc
Switching Times (50
Ω Load)
Clock Input
ns
Propagation Delay
t9+2–
t6+2+
2
2
1.5
1.5
3.4
3.4
1.5
1.5
2.0
2.0
3.3
3.3
1.6
1.6
3.7
3.7
Rise Time
(20 to 80%)
t2+
2
0.9
3.3
1.0
1.3
3.1
1.0
3.6
Fall Time
(20 to 80%)
t2–
2
0.9
3.3
1.0
1.3
3.1
1.0
3.6
Set Input
ns
Propagation Delay
t5+2+
t12+15+
t5+3–
t12+14–
2
15
3
14
1.1
1.1
1.1
1.1
3.4
3.4
3.4
3.4
1.1
1.1
1.1
1.1
2.0
2.0
2.0
2.0
3.3
3.3
3.3
3.3
1.2
1.2
1.2
1.2
3.7
3.7
3.7
3.7
Reset Input
ns
Propagation Delay
t4+2–
t13+15–
t4+3–
t13+14+
2
15
3
14
1.1
1.1
1.1
1.1
3.4
3.4
3.4
3.4
1.1
1.1
1.1
1.1
2.0
2.0
2.0
2.0
3.3
3.3
3.3
3.3
1.2
1.2
1.2
1.2
3.7
3.7
3.7
3.7
Setup Time
tsetup
7
1.5
1.0
1.5
ns
Hold Time
thold
7
0.9
0.75
0.9
ns
Toggle Frequency (Max)
ftog
2
200
200
225
200
MHz
* Individually test each input; apply VILmin to pin under test.
[ Output level to be measured after a clock pulse has been applied to the CE Input (Pin 6)
VIHmax
VILmin


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn