Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT812S Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT812S
Description  4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT812S Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT812S Datasheet HTML 1Page - Catalyst Semiconductor CAT812S Datasheet HTML 2Page - Catalyst Semiconductor CAT812S Datasheet HTML 3Page - Catalyst Semiconductor CAT812S Datasheet HTML 4Page - Catalyst Semiconductor CAT812S Datasheet HTML 5Page - Catalyst Semiconductor CAT812S Datasheet HTML 6Page - Catalyst Semiconductor CAT812S Datasheet HTML 7Page - Catalyst Semiconductor CAT812S Datasheet HTML 8Page - Catalyst Semiconductor CAT812S Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CAT811, CAT812
2
Doc. No. 3005, Rev. R
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ORDERING INFORMATION
PIN DESCRIPTIONS
Pin Number
CAT811
CAT812
1
1
GND
Ground
2—
RESET
Active LOW reset.
RESET is asserted if VCC falls below the reset threshold
and remains low for at least 140ms after VCC rises above the reset threshold.
2
RESET
Active HIGH reset. RESET is asserted if VCC falls below the reset
threshold and remains high for at least 140ms after VCC rises above
the reset threshold.
33
MR
Manual Reset Input. A logic LOW on
MR asserts RESET. RESET remains
active as long as
MR is LOW and for 140ms after MR returns HIGH. The
active low input has an internal 20k
Ω pull-up resistor. The input should be left
open if not used.
44
VCC
Power supply voltage that is monitored.
Name
Description
TOP MARKING
Notes
1)
The “YM” in the SOT-143 package marking indicates the Year
and Month of production.
2)
All NiPdAu devices will be marked to indicate product type and
package. Threshold and full part numbers will be provided on box
and reel labels as well as all Shipping documents.
Prefix
Device #
Suffix
811
S
TBI
GT10
Device Type
811: Push-Pull / Active Low Output
812: Push-Pull / Active High Output
CAT
Trip Level
L: 4.63V
M: 4.38V
J: 4.00V
T: 3.08V
S: 2.93V
R: 2.63V
Z: 2.32V
Company ID
Package Type
EUS: 4 pin SOT-143
TBI: 4 pin SOT-143 Green
Parts per Reel
T3: 3K units
T10: 10K units
GT3: 3K units (NiPdAu Lead Finish)*
GT10: 10K units (NiPdAu Lead Finish)*
d
n
a
s
t
r
a
P
d
l
o
h
s
e
r
h
T3
4
1
-
T
O
S
)
1
(
3
4
1
-
T
O
S
n
S
n
e
e
r
G
d
a
e
L
e
t
t
a
M
h
s
i
n
i
F
)
2
(
)
1
(
3
4
1
-
T
O
S
n
e
e
r
G
d
a
e
L
u
A
d
P
i
N
h
s
i
n
i
F
)
2
(
)
1
(
8
T
A
C1
1L
M
Y
M
AM
Y
H
D
EM
Y
R
8
T
A
C1
1M
M
Y
N
AM
Y
J
D
J
1
1
8
T
A
CA
M
Y
ZM
Y
K
C
T
1
1
8
T
A
CM
Y
P
AM
Y
L
D
S
1
1
8
T
A
CM
Y
Q
AM
Y
M
D
R
1
1
8
T
A
CM
Y
R
AM
Y
N
D
Z
1
1
8
T
A
CA
M
Y
YM
Y
P
C
L
2
1
8
T
A
CM
Y
S
AD
M
Y
R
EM
Y
S
M
2
1
8
T
A
CM
Y
T
AD
M
Y
T
J
2
1
8
T
A
CM
Y
U
AD
M
Y
U
T
2
1
8
T
A
CM
Y
V
AD
M
Y
V
S
2
1
8
T
A
CM
Y
W
AD
M
Y
W
R
2
1
8
T
A
CM
Y
X
AD
M
Y
X
Z
2
1
8
T
A
CM
Y
I
CM
Y
Y
C
The device shown in the examples (CAT811STBI-
GT10) has an Active Low, Push-Pull output; a trip level
of 2.85V to 3.00V and is provided in the Green SOT-23
package with a NiPdAu lead finish on tape and reel
with 10,000 units.
* NiPdAu is a Lead Finish Option on the Green
Packages only. Unless indicated with the “G” green
packages are shipped with a Sn Matte Lead Finish.


Similar Part No. - CAT812S

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT812SEUS-T CATALYST-CAT812SEUS-T Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
CAT812SEUS-T10 CATALYST-CAT812SEUS-T10 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
CAT812STBI-GT10 CATALYST-CAT812STBI-GT10 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT812STBI-GT10 ONSEMI-CAT812STBI-GT10 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
logo
Catalyst Semiconductor
CAT812STBI-GT3 CATALYST-CAT812STBI-GT3 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
More results

Similar Description - CAT812S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_08 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com